Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 274 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 274 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 270Page - Nuvoton Technology Corporation M263 Datasheet HTML 271Page - Nuvoton Technology Corporation M263 Datasheet HTML 272Page - Nuvoton Technology Corporation M263 Datasheet HTML 273Page - Nuvoton Technology Corporation M263 Datasheet HTML 274Page - Nuvoton Technology Corporation M263 Datasheet HTML 275Page - Nuvoton Technology Corporation M263 Datasheet HTML 276Page - Nuvoton Technology Corporation M263 Datasheet HTML 277Page - Nuvoton Technology Corporation M263 Datasheet HTML 278Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 274 of 398
Rev 1.02
LDROM. User can set the SYSRESETREQ(AIRCR[2]) to 1 to assert the System Reset.
6.2.3
Power Modes and Wake-up Sources
The NuMicro
® M261/M262/M263 series has power manager unit to support several operating modes
for saving power. Table 6.2-2 lists all power modes in the NuMicro
® M261/M262/M263 series.
Mode
CPU Operating Maximum
Speed
(MHz)
LDO_CAP
(V)
Clock Disable
Normal mode
48MHz
1.20
All clocks are disabled by control register.
CLK_AHBCLK,
CLK_APBCLK0
and
CLK_APBCLK1.
Turbo mode
64MHz
1.26
All clocks are disabled by control register.
CLK_AHBCLK,
CLK_APBCLK0
and
CLK_APBCLK1.
Idle mode
CPU enter Sleep mode
keep
Only CPU clock is disabled.
Power-down mode (PD)
CPU enters Deep Sleep mode
keep
Most clocks are disabled except LIRC/LXT, and
only RTC/WDT/Timer/UART peripheral clocks
still enable if their clock sources are selected as
LIRC/LXT.
Fast
Wake-up
Power-down
mode (FWPD)
CPU enters Deep Sleep mode
keep
Most clocks are disabled except LIRC/LXT, and
only RTC/WDT/Timer/UART peripheral clocks
still enable if their clock sources are selected as
LIRC/LXT.
Low
leakage
Power-down
mode
(LLPD)
CPU enters Deep Sleep mode
0.9
Most clocks are disabled except LIRC/LXT, and
only RTC/WDT/Timer/UART peripheral clocks
still enable if their clock sources are selected as
LIRC/LXT.
Ultra Low leakage Power-down
mode
(ULLPD)
CPU enters Deep Sleep mode
0.8
Most clocks are disabled except LIRC/LXT, and
only RTC/WDT/Timer/UART peripheral clocks
still enable if their clock sources are selected as
LIRC/LXT.
Standby Power-down mode
(SPD)
Power off
Floating
Only LIRC/LXT still enable for RTC function and
wake-up timer usage.
Deep Power-down mode
(DPD)
Power off
Floating
Only LIRC/LXT still enable for RTC function and
wake-up timer usage.
Table 6.2-2 Power Mode Table
Each power mode has different entry setting and leaving condition. Table 6.2-3 shows the entry
setting for each power mode. When chip power-on, chip is running in normal mode. User can enter
each
mode
by
setting
SLEEPDEEP
(SCR[2]),
PDEN
(CLK_PWRCT[7])
and
PDMSEL
(CLK_PMUCTL[2:0]) and execute WFI instruction.
Register/Instruction
Mode
SLEEPDEEP
(SCR[2])
PDEN
(CLK_PWRCTL[7])
PDMSEL
(CLK_PMUCTL[2:0])
CPU Run WFI Instruction
Normal mode
0
0
0
NO
Idle mode
0
0
0
YES
Power-down mode
1
1
0
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com