Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 277 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 277 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 273Page - Nuvoton Technology Corporation M263 Datasheet HTML 274Page - Nuvoton Technology Corporation M263 Datasheet HTML 275Page - Nuvoton Technology Corporation M263 Datasheet HTML 276Page - Nuvoton Technology Corporation M263 Datasheet HTML 277Page - Nuvoton Technology Corporation M263 Datasheet HTML 278Page - Nuvoton Technology Corporation M263 Datasheet HTML 279Page - Nuvoton Technology Corporation M263 Datasheet HTML 280Page - Nuvoton Technology Corporation M263 Datasheet HTML 281Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 277 of 398
Rev 1.02
entered.
LVR
LVR Reset
V
-
-
After
software
writes
1
to
clear
LVRF
(SYS_RSTSTS[3])
-
V
-
After
software
writes
1
to
clear
LVRWK
(CLK_PMUSTS[12])
when
SPD
mode
is
entered.
POR
POR Reset
V
V
-
After
software
writes
1
to
clear
PORF
(SYS_RSTSTS[0]).
EINT
External Interrupt
V
-
-
After software write 1 to clear the Px_INTSRC[n]
bit.
GPIO
GPIO Interrupt
V
-
-
After software write 1 to clear the Px_INTSRC[n]
bit.
GPIO(PA~P
D) Wake-up
pin
rising or falling edge event, 61-pin
-
V
-
GPxWK(CLK_PMUSTS[11:8]) is cleared when
SPD mode is entered.
GPIO(PC.0)
Wake-up pin
rising or falling edge event , 1-pin
-
-
V
PINWK(CLK_PMUSTS[1]) is cleared when DPD
mode is entered.
TIMER
Timer Interrupt
V
-
-
After
software
writes
1
to
clear
TWKF
(TIMERx_INTSTS[1])
and
TIF
(TIMERx_INTSTS[0]).
Wakeup
timer
Wakeup by wake-up timer time-out
-
V
V
After software
writes
1
to clear
TMRWK
(CLK_PMUSTS[1]) when SPD or DPD mode is
entered.
WDT
WDT Interrupt
V
-
-
After
software
writes
1
to
clear
WKF
(WDT_CTL[5]) (Write Protect).
RTC
Alarm Interrupt
V
-
-
After
software
writes
1
to
clear
ALMIF
(RTC_INTSTS[0]).
Time Tick Interrupt
V
-
-
After
software
writes
1
to
clear
TICKIF
(RTC_INTSTS[1]).
Wakeup by RTC alarm
-
V
V
RTCWK (CLK_PMUSTS[5]) is cleared when
DPD or SPD mode is entered.
Wakeup by RTC tick time
-
V
V
RTCWK (CLK_PMUSTS[5]) is cleared when
DPD or SPD mode is entered.
Wakeup by tamper event
-
V
V
RTCWK (CLK_PMUSTS[5]) is cleared when
DPD or SPD mode is entered.
UART
nCTS wake-up
V
-
-
After software writes 1 to clear CTSWKF
(UARTx_WKSTS[0]).
RX Data wake-up
V
-
-
After software writes 1 to clear DATWKF
(UARTx_WKSTS[1]).
Received FIFO Threshold Wake-up
V
-
-
After software writes 1 to clear RFRTWKF
(UARTx_WKSTS[2]).
RS-485 AAD Mode Wake-up
V
-
-
After software writes 1 to clear RS485WKF
(UARTx_WKSTS[3]).
Received FIFO Threshold Time-out
Wake-up
V
-
-
After software writes 1 to clear TOUTWKF
(UARTx_WKSTS[4]).
USCI UART
CTS Toggle
V
-
-
After
software
writes
1
to
clear
WKF
(UUART_WKSTS[0]).
Data Toggle
V
-
-
After
software
writes
1
to
clear
WKF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com