| Electronic Components Datasheet Search |
|
M263 Datasheet(PDF) 280 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
M263 Datasheet(HTML) 280 Page - Nuvoton Technology Corporation |
|
280 / 398 page ![]() M261/M262/M263 Mar 25, 2020 Page 280 of 398 Rev 1.02 6.2.5 Bus Matrix PDMA1 Crypto Cortex-M23 PDMA0 FLASH SRAM0 (32 KB) SRAM1 (64 KB) APB0 Peripheral APB1 Peripheral EBI AHB Peripheral M0 M1 M2 M3 M4 S0 S1 S2 S3 S4 S5 S6 SDH0 USBH Figure 6.2-2 M261 Bus Martix Architecture Diagram Refer to Figure 6.2-2. This chip uses Advanced Microcontroller Bus Architecture (AMBA) protocol to implement system bus. The system has five masters and seven slaves, in which a different master can communicate with a different slave at the same time through Bus Matrix. The Cortex ® -M23 core processor acts as the master in Bus Matrix, located on M0 to communicate with any slaves through Bus Matrix. PDMA0 and PDMA1 are Peripheral Direct Memory Access and act as the master in Bus Matrix, respectively located on M1 and M4, which can communicate with any slaves through Bus Matrix. SDH0 and Crypto share the same master bandwidth located on M2. USBH acts as the master role in Bus Matrix and is located on M3. The slave AHB Peripheral is the Advanced High-performance Bus (AHB) controller, and any master can communicate with any AHB peripheral through Bus Matrix. 6.2.6 System Memory Map This chip provides 4G-byte addressing space. The memory locations assigned to each on-chip controllers are shown in Table 6.2-7. The detailed register definition, memory space, and programming will be described in the following sections for each on-chip peripheral. The NuMicro ® M261/M262/M263 series only supports little-endian data format. Address Space Token Controllers Flash and SRAM Memory Space 0x0000_0000 – 0x0007_FFFF FLASH_BA FLASH Memory Space (512 KB) 0x2000_0000 – 0x2000_7FFF SRAM0_BA SRAM Memory Space (32 KB) 0x2000_8000 – 0x2001_7FFF SRAM1_BA SRAM Memory Space (64 KB) 0x6000_0000 – 0x6FFF_FFFF EXTMEM_BA External Memory Space (256 MB) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |