Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 283 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 283 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 279Page - Nuvoton Technology Corporation M263 Datasheet HTML 280Page - Nuvoton Technology Corporation M263 Datasheet HTML 281Page - Nuvoton Technology Corporation M263 Datasheet HTML 282Page - Nuvoton Technology Corporation M263 Datasheet HTML 283Page - Nuvoton Technology Corporation M263 Datasheet HTML 284Page - Nuvoton Technology Corporation M263 Datasheet HTML 285Page - Nuvoton Technology Corporation M263 Datasheet HTML 286Page - Nuvoton Technology Corporation M263 Datasheet HTML 287Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 283 of 398
Rev 1.02
6.2.7
SRAM Memory Orginization
This chip supports embedded SRAM with a total of 96 Kbytes size and the SRAM organization is
separated into two banks: SRAM bank0 and SRAM bank1. The first bank has 32 Kbytes address
space and the second bank has 64Kbyte address space. These two banks address space can be
accessed simultaneously. The SRAM bank0 supports parity error check to make sure the chip is
operating more stable.
Supports total 96 Kbytes SRAM
Supports byte / half word / word write
Supports fixed 32 Kbytes SRAM bank0 for independent access
Supports parity error check function for SRAM bank0
Supports oversize response error
AHB interface
controller
SRAM decoder
SRAM bank0
SRAM bank1
SRAM decoder
AHB interface
controller
Figure 6.2-8 SRAM Block Diagram
Figure 6.2-9 shows the SRAM organization. There are two SRAM banks. The bank0 is addressed to
32 Kbytes and the bank1 is addressed to 64 Kbytes. The bank0 address space is from 0x2000_0000
to 0x2000_7FFF. The bank1 address space is from 0x2000_8000 to 0x2001_7FFF. The address
between 0x2001_8000 to 0x2FFF_FFFF is illegal memory space and chip will enter hardfault if CPU
accesses these illegal memory addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com