Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 285 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 285 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 281Page - Nuvoton Technology Corporation M263 Datasheet HTML 282Page - Nuvoton Technology Corporation M263 Datasheet HTML 283Page - Nuvoton Technology Corporation M263 Datasheet HTML 284Page - Nuvoton Technology Corporation M263 Datasheet HTML 285Page - Nuvoton Technology Corporation M263 Datasheet HTML 286Page - Nuvoton Technology Corporation M263 Datasheet HTML 287Page - Nuvoton Technology Corporation M263 Datasheet HTML 288Page - Nuvoton Technology Corporation M263 Datasheet HTML 289Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 285 of 398
Rev 1.02
SRAM Power Control
SRAM bank0 and bank1 have marco retention and power shut down function. Each SRAM marco can
be
configured
to
retention
or
power
shut
down
mode
independently
by
SRAMxPMn
(SYS_SRAMPCTL[23:8], x=0-1 n=0-3). When chip entering power-down, each SRAM marco will enter
retention
or
power
shut
down
or
keep
operation
mode
depending
on
SRAMxPMn(SYS_SRAMPCTL[23:8], x=0-1 n=0-3).When chip power down wake up, SRAM marco
will wake up from retention or power shut down mode. User must identify which SRAM marco that
CPU first accessed for saving power down wake up time by STACK(SYS_SRAMPCTL[1:0]).
Figure 6.2-10 shows the SRAM marco number in bank0 and bank1. When chip power down wake up,
the first wake up SRAM marco is depened on STACK (SYS_SRAMPCTL[1:0]), the rest SRAM marcos
wake up in the order of marco number, from SRAM marco0 to SRAM marco7.
0x2000_0000
0x2000_4000
0x2000_8000
0x2000_6000
0x2000_C000
96 Kbytes device
16 Kbytes
SRAM Marco 7
16 Kbytes
SRAM Marco 6
16 Kbytes
SRAM Marco 5
16 Kbytes
SRAM Marco 4
8 Kbytes
SRAM Marco 3
8 Kbytes
SRAM Marco 2
8 Kbytes
SRAM Marco 1
8K byte
SRAM Marco 0
0x2000_2000
0x2001_0000
0x2001_4000
0x2001_7FFF
Figure 6.2-10 SRAM Marco Organization
6.2.8
Auto Trim
This chip supports auto-trim function: the HIRC trim (12 MHz RC oscillator, 48 MHz RC oscillator),
according to the accurate external 32.768 kHz crystal oscillator or internal USB synchronous mode, to
automatically get accurate HIRC output frequency, 0.25 % deviation within all temperature ranges.
For instance, the system needs an accurate 12 MHz clock. In such case, if neither using PLL as the
system clock source nor soldering 32.768 kHz crystal in system, user has to set REFCKSEL
(SYS_TCTL12M[10] reference clock selection) to
“1”, set FREQSEL (SYS_TCTL12M[1:0] trim
frequency selec
tion) to “01”, and the auto-trim function will be enabled. Interrupt status bit FREQLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com