Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 287 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 287 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 283Page - Nuvoton Technology Corporation M263 Datasheet HTML 284Page - Nuvoton Technology Corporation M263 Datasheet HTML 285Page - Nuvoton Technology Corporation M263 Datasheet HTML 286Page - Nuvoton Technology Corporation M263 Datasheet HTML 287Page - Nuvoton Technology Corporation M263 Datasheet HTML 288Page - Nuvoton Technology Corporation M263 Datasheet HTML 289Page - Nuvoton Technology Corporation M263 Datasheet HTML 290Page - Nuvoton Technology Corporation M263 Datasheet HTML 291Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 287 of 398
Rev 1.02
The processor automatically stacks its state on exception entry and unstacks this state on exception
exit, with no instruction overhead. This provides low latency exception handling.
6.2.10.1
Exception Model and System Interrupt Map
Table 6.2-8 lists the exception model supported by M261/M262/M263 Series. Software can set 16
levels of priority on some of these exceptions as well as on all interrupts. The highest user-
configurable priority is denoted as “0x00” and the lowest priority is denoted as “0xC0” (The 6-LSB
always 0). The default priority of all the user-
configurable interrupts is “0x00”. Note that priority “0” is
treated as the fourth priority on the system, after three system exceptions “Reset”, “NMI” and “Hard
Fault”.
When any interrupts is accepted, the processor will automatically fetch the starting address of the
interrupt service routine (ISR) from a vector table in memory. On system reset, the vector table is fixed
at address 0x00000000. Privileged software can write to the VTOR to relocate the vector table start
address to a different memory location, in the range 0x00000080 to 0x3FFFFF80,
The vector table contains the initialization value for the stack pointer on reset, and the entry point
addresses for all exception handlers. The vector number on previous page defines the order of entries
in the vector table associated with exception handler entry as illustrated in previous section.
Table 6.2-8 Exception Model
Vector
Number
Interrupt Number
(Bit
In
Interrupt
Registers)
Interrupt Name
Interrupt Description
0 ~ 15
-
-
System exceptions
16
0
BODOUT
Brown-out low voltage detected interrupt
17
1
IRC_INT
IRC TRIM interrupt
18
2
PWRWU_INT
Clock controller interrupt for chip wake-up from power-down state
19
3
SRAM_PERR
SRAM parity check error interrupt
Exception Type
Vector Number
Vector Address
Priority
Reset
1
0x00000004
-4
NMI
2
0x00000008
-2
Hard Fault
3
0x0000000C
-1
Reserved
4 ~ 10
Reserved
SVCall
11
0x0000002C
Configurable
Reserved
12 ~ 13
Reserved
PendSV
14
0x00000038
Configurable
SysTick
15
0x0000003C
Configurable
Interrupt (IRQ0 ~ IRQ)
16 ~ 111
0x00000000 +
(Vector Number)*4
Configurable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com