Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 286 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 286 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 282Page - Nuvoton Technology Corporation M263 Datasheet HTML 283Page - Nuvoton Technology Corporation M263 Datasheet HTML 284Page - Nuvoton Technology Corporation M263 Datasheet HTML 285Page - Nuvoton Technology Corporation M263 Datasheet HTML 286Page - Nuvoton Technology Corporation M263 Datasheet HTML 287Page - Nuvoton Technology Corporation M263 Datasheet HTML 288Page - Nuvoton Technology Corporation M263 Datasheet HTML 289Page - Nuvoton Technology Corporation M263 Datasheet HTML 290Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 286 of 398
Rev 1.02
(SYS_TISTS12M[8
] HIRC frequency lock status) “1” indicates the HIRC output frequency is accurate
within 0.25% deviation.
In another case, the system needs an accurate 48 MHz clock. In such case, if neither using PLL as
the system clock source nor soldering 32.768 kHz crystal in system, user has to set REFCKSEL
(SYS_TCTL48M[10] reference clock selection) to
“1”, set FREQSEL (SYS_TCTL48M[1:0] trim
frequency selection) to
“01”, and the auto-trim function will be enabled. Interrupt status bit FREQLOCK
(SYS_TISTS48M[8] HIRC48
frequency lock status) “1” indicates the HIRC output frequency is
accurate within 0.25% deviation.
6.2.9
System Timer (SysTick)
The Cortex
® -M23 includes an integrated system timer, SysTick, which provides a simple, 24-bit clear-
on-write, decrementing, wrap-on-zero counter with a flexible control mechanism. The counter can be
used as a Real Time Operating System (RTOS) tick timer or as a simple counter.
When system timer is enabled, it will count down from the value in the SysTick Current Value Register
(SYST_VAL) to zero, and reload (wrap) to the value in the SysTick Reload Value Register
(SYST_LOAD) on the next clock cycle, and then decrement on subsequent clocks. When the counter
transitions to zero, the COUNTFLAG status bit is set. The COUNTFLAG bit clears on reads.
The SYST_VAL value is UNKNOWN on reset. Software should write to the register to clear it to zero
before enabling the feature. This ensures the timer will count from the SYST_LOAD value rather than
an arbitrary value when it is enabled.
If the SYST_LOAD is zero, the timer will be maintained with a current value of zero after it is reloaded
with this value. This mechanism can be used to disable the feature independently from the timer
enable bit.
For more detailed information, please refer to the “Arm
® Cortex® -M23 Technical Reference Manual”
and “Arm
® v8-M Architecture Reference Manual”.
6.2.10
Nested Vectored Interrupt Controller (NVIC)
The NVIC and the processor core interface are closely coupled to enable low latency interrupt
processing and efficient processing of late arriving interrupts. The NVIC maintains knowledge of the
stacked, or nested, interrupts to enable tail-chaining of interrupts. You can only fully access the NVIC
from privileged mode, but you can cause interrupts to enter a pending state in user mode if you enable
the Configuration and Control Register. Any other user mode access causes a bus fault. You can
access all NVIC registers using byte, halfword, and word accesses unless otherwise stated. NVIC
registers are located within the SCS (System Control Space). All NVIC registers and system debug
registers are little-endian regardless of the endianness state of the processor.
The NVIC supports:
An implementation-defined number of interrupts, in the range 1-240 interrupts.
A programmable priority level of 0-3 for each interrupt; a higher level corresponds to a
lower priority, so level 0 is the highest interrupt priority.
Level and pulse detection of interrupt signals.
Dynamic reprioritization of interrupts.
Grouping of priority values into group priority and subpriority fields.
Interrupt tail-chaining.
An external Non Maskable Interrupt (NMI)
WIC with Ultra-low Power Sleep mode support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com