Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 272 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 272 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 268Page - Nuvoton Technology Corporation M263 Datasheet HTML 269Page - Nuvoton Technology Corporation M263 Datasheet HTML 270Page - Nuvoton Technology Corporation M263 Datasheet HTML 271Page - Nuvoton Technology Corporation M263 Datasheet HTML 272Page - Nuvoton Technology Corporation M263 Datasheet HTML 273Page - Nuvoton Technology Corporation M263 Datasheet HTML 274Page - Nuvoton Technology Corporation M263 Datasheet HTML 275Page - Nuvoton Technology Corporation M263 Datasheet HTML 276Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 272 of 398
Rev 1.02
6.2.2.3
Low Voltage Reset (LVR)
If the Low Voltage Reset function is enabled by setting the Low Voltage Reset Enable Bit LVREN
(SYS_BODCTL[7]) to 1, after 200us delay, LVR detection circuit will be stable and the LVR function
will be active. Then LVR function will detect AVDD during system operation. When the AVDD voltage is
lower
than
VLVR and the state keeps longer than De-glitch time set by LVRDGSEL
(SYS_BODCTL[14:12]), chip will be reset. The LVR reset will control the chip in reset state until the
AVDD voltage rises above VLVR and the state keeps longer than De-glitch time set by LVRDGSEL
(SYS_BODCTL[14:12]). The default setting of Low Voltage Reset is enabled without De-glitch
function. Figure 6.2-4 shows the Low Voltage Reset waveform.
AVDD
VLVR
Low Voltage Reset
T1
( < LVRDGSEL)
T2
( =LVRDGSEL)
T3
( =LVRDGSEL)
LVREN
200 us
Delay for LVR stable
Figure 6.2-4 Low Voltage Reset (LVR) Waveform
6.2.2.4
Brown-out Detector Reset (BOD Reset)
If the Brown-out Detector (BOD) function is enabled by setting the Brown-out Detector Enable Bit
BODEN (SYS_BODCTL[0]), Brown-out Detector function will detect AVDD during system operation.
When the AVDD voltage is lower than VBOD which is decided by BODEN and BODVL
(SYS_BODCTL[18:16]) and the state keeps longer than De-glitch time set by BODDGSEL
(SYS_BODCTL[10:8]), chip will be reset. The BOD reset will control the chip in reset state until the
AVDD voltage rises above VBOD and the state keeps longer than De-glitch time set by BODDGSEL. The
default value of BODEN, BODVL and BODRSTEN (SYS_BODCTL[3]) is set by Flash controller user
configuration
register
CBODEN
(CONFIG0
[19]),
CBOV
(CONFIG0
[23:21])
and
CBORST(CONFIG0[20]) respectively. User can determine the initial BOD setting by setting the
CONFIG0 register. Figure 6.2-5 shows the Brown-out Detector waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com