Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 269 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 269 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 265Page - Nuvoton Technology Corporation M263 Datasheet HTML 266Page - Nuvoton Technology Corporation M263 Datasheet HTML 267Page - Nuvoton Technology Corporation M263 Datasheet HTML 268Page - Nuvoton Technology Corporation M263 Datasheet HTML 269Page - Nuvoton Technology Corporation M263 Datasheet HTML 270Page - Nuvoton Technology Corporation M263 Datasheet HTML 271Page - Nuvoton Technology Corporation M263 Datasheet HTML 272Page - Nuvoton Technology Corporation M263 Datasheet HTML 273Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 269 of 398
Rev 1.02
Low Voltage
Reset
Power-on
Reset
Brown-out
Reset
Reset Pulse Width
~3.2ms
WDT/WWDT
Reset
System Reset
~50k ohm
@3.3v
Reset Pulse Width
2 system clocks
nRESET
VDD
AVDD
CHIP Reset
CHIPRST(SYS_IPRST0[0])
CPU Reset
CPURST(SYS_IPRST0[1])
CPU Lockup
Reset
System Reset
SYSRESETREQ(AIRCR[2])
LVREN(SYS_BODCTL[7])
BODRSTEN(SYS_BODCTL[3])
PORMASK(SYS_PORCTL0[15:0])
Reset Pulse Width
64 WDT clocks
Reset Pulse Width
2 system clocks
Glitch Filter
32 us
Software Reset
POROFF(SYS_PORCTL1[15:0])
Figure 6.2-1 System Reset Sources
There are a total of 9 reset sources in the NuMicro
® family. In general, CPU reset is used to reset
Cortex
® -M23 only; the other reset sources will reset Cortex® -M23 and all peripherals. However, there
are small differences between each reset source and they are listed in Table 6.2-1.
Reset Sources
Register
POR
NRESET
WDT
LVR
BOD
Lockup
CHIP
SYSTEM
CPU
SYS_RSTSTS
Bit 0 = 1
Bit 1 = 1
Bit 2 = 1
Bit 3 = 1
Bit 4 = 1
Bit 8 = 1
Bit 0 = 1
Bit 5 = 1
Bit 7 =
1
CHIPRST
(SYS_IPRST0[0])
0x0
-
-
-
-
-
-
-
-
BODEN
(SYS_BODCTL[0])
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
-
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
-
BODVL
(SYS_BODCTL[18:16])
BODRSTEN
(SYS_BODCTL[3])
SYS_SRAMPCTL
0x0
-
-
-
-
-
-
-
-
SYS_SRAMPPCT
0x0
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com