Electronic Components Datasheet Search
  English  ▼

X  

K32L3A Datasheet(PDF) 42 Page - NXP Semiconductors

Part # K32L3A
Description  72 MHz Arm짰 Cortex짰-M0/M4F Dual Core Microcontroller with up to 1280 KB Flash and 384 KB SRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L3A Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button K32L3A Datasheet HTML 38Page - NXP Semiconductors K32L3A Datasheet HTML 39Page - NXP Semiconductors K32L3A Datasheet HTML 40Page - NXP Semiconductors K32L3A Datasheet HTML 41Page - NXP Semiconductors K32L3A Datasheet HTML 42Page - NXP Semiconductors K32L3A Datasheet HTML 43Page - NXP Semiconductors K32L3A Datasheet HTML 44Page - NXP Semiconductors K32L3A Datasheet HTML 45Page - NXP Semiconductors K32L3A Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 162 page
background image
2.2.12 LPTMR
This device contains three low-power timer (LPTMR) which can be configured to
operate as a time counter with optional prescaler, or as a pulse counter with optional
glitch filter, across all power modes, including the low-leakage modes. It can also
continue operating through most system reset events, allowing it to be used as a time of
day counter.
The LPTMR module has the following features:
• 32-bit time counter or pulse counter with compare
• Optional interrupt can generate asynchronous wakeup from any low-power
mode
• Hardware trigger output
• Counter supports free-running mode or reset on compare
• Configurable clock source for prescaler/glitch filter
• Configurable input source for pulse counter
• Rising-edge or falling-edge
2.2.13 LPUART
This product contains four Low-Power UART modules, their clock sources are
selectable from LPFLL, SIRC, FIRC and SOSC, and can work in Stop and VLPS
modes. They also support 4x to 32x data oversampling rate to meet different
applications.
The LPUART module has the following features:
• Full-duplex, standard non-return-to-zero (NRZ) format
• Programmable baud rates (13-bit modulo divider) with configurable oversampling
ratio from 4x to 32x
• Transmit and receive baud rate can operate asynchronous to the bus clock:
• Baud rate can be configured independently of the bus clock frequency
• Supports operation in Stop modes
• Interrupt, DMA or polled operation:
• Transmit data register empty and transmission complete
• Receive data register full
• Receive overrun, parity error, framing error, and noise error
• Idle receiver detect
• Active edge on receive pin
Overview
42
K32L3A, Rev. 1, 09/2019
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com