Electronic Components Datasheet Search
  English  ▼

X  

K32L3A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # K32L3A
Description  72 MHz Arm짰 Cortex짰-M0/M4F Dual Core Microcontroller with up to 1280 KB Flash and 384 KB SRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L3A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button K32L3A Datasheet HTML 6Page - NXP Semiconductors K32L3A Datasheet HTML 7Page - NXP Semiconductors K32L3A Datasheet HTML 8Page - NXP Semiconductors K32L3A Datasheet HTML 9Page - NXP Semiconductors K32L3A Datasheet HTML 10Page - NXP Semiconductors K32L3A Datasheet HTML 11Page - NXP Semiconductors K32L3A Datasheet HTML 12Page - NXP Semiconductors K32L3A Datasheet HTML 13Page - NXP Semiconductors K32L3A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 162 page
background image
• 384 KB of embedded RAM accessible (read/write) at CPU clock speed with 0 wait
states.
• 4 KB of embedded RAM used for flash programming acceleration RAM
• The non-volatile memory is divided into two arrays
• 2 blocks of program flash, providing 1 MB consisting of 4 KB sectors for CM4
• 1 block of program flash, providing 256 KB consisting of 2 KB sectors for
CM0+
The primary program flash memory contains an IFR space that stores default
protection settings and security information.
The protection setting can protect 64 regions of the primary program flash memory
and 16 regions of the secondary program flash memory from unintended erase or
program operations.
The security circuitry prevents unauthorized access to RAM or flash contents from
debug port.
• System register file
This device contains a 32-byte register file that is powered in all power modes.
Also, it retains contents during low power modes and is reset only during a power-
on reset.
• VBAT register file
This device includes a 32-byte register file. The register file is powered by the
VBAT domain and is powered in all modes as long as power is applied to the
VBAT supply.
The VBAT register file is only reset during the VBAT Power-on Reset
(PORVBAT) sequence.
2.1.6 Reset and boot
The following table lists all the reset sources supported by this device.
NOTE
In the following table, Y means the specific module, except
for the registers, bits or conditions mentioned in the footnote,
is reset by the corresponding Reset source. N means the
Overview
10
K32L3A, Rev. 1, 09/2019
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com