Electronic Components Datasheet Search
  English  ▼

X  

K32L3A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # K32L3A
Description  72 MHz Arm짰 Cortex짰-M0/M4F Dual Core Microcontroller with up to 1280 KB Flash and 384 KB SRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L3A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button K32L3A Datasheet HTML 3Page - NXP Semiconductors K32L3A Datasheet HTML 4Page - NXP Semiconductors K32L3A Datasheet HTML 5Page - NXP Semiconductors K32L3A Datasheet HTML 6Page - NXP Semiconductors K32L3A Datasheet HTML 7Page - NXP Semiconductors K32L3A Datasheet HTML 8Page - NXP Semiconductors K32L3A Datasheet HTML 9Page - NXP Semiconductors K32L3A Datasheet HTML 10Page - NXP Semiconductors K32L3A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 162 page
background image
2.1 System features
The following sections describe the high-level system features.
2.1.1 Arm Cortex-M0+ core
The enhanced Arm Cortex M0+ is the member of the Cortex-M series of processors
targeting microcontroller cores focused on very cost sensitive, low power
applications. It has a single 32-bit AMBA AHB-Lite interface and includes an NVIC
component. It also has hardware debug functionality including support for simple
program trace capability. The processor supports the Arm v6-M instruction set
(Thumb) architecture including all but three 16-bit Thumb opcodes (52 total) plus
seven 32-bit instructions. It is upward compatible with other Cortex-M profile
processors.
This device supports hardware divider (MMDVSQ) when CM0+ core is working.
2.1.2 Arm Cortex-M4 core
The Cortex M4 processor is based on the Armv7 Architecture and Thumb®-2 ISA
and is upward compatible with the Cortex M3, Cortex M1, and Cortex M0
architectures. Cortex M4 improvements include an Armv7 Thumb-2 DSP (ported
from the Armv7-A/R profile architectures) providing 32-bit instructions with SIMD
(single instruction multiple data) DSP style multiply-accumulates and saturating
arithmetic.
2.1.3 NVIC
The Armv7-M exception model and nested-vectored interrupt controller (NVIC)
implement a relocatable vector table supporting many external interrupts, a single
non-maskable interrupt (NMI), and priority levels.
The NVIC replaces shadow registers with equivalent system and simplified
programmability. The NVIC contains the address of the function to execute for a
particular handler. The address is fetched via the instruction port allowing parallel
register stacking and look-up. The first sixteen entries are allocated to Arm internal
sources with the others mapping to MCU-defined interrupts.
Overview
K32L3A, Rev. 1, 09/2019
7
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com