Electronic Components Datasheet Search
  English  ▼

X  

K32L3A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # K32L3A
Description  72 MHz Arm짰 Cortex짰-M0/M4F Dual Core Microcontroller with up to 1280 KB Flash and 384 KB SRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L3A Datasheet(HTML) 1 Page - NXP Semiconductors

  K32L3A Datasheet HTML 1Page - NXP Semiconductors K32L3A Datasheet HTML 2Page - NXP Semiconductors K32L3A Datasheet HTML 3Page - NXP Semiconductors K32L3A Datasheet HTML 4Page - NXP Semiconductors K32L3A Datasheet HTML 5Page - NXP Semiconductors K32L3A Datasheet HTML 6Page - NXP Semiconductors K32L3A Datasheet HTML 7Page - NXP Semiconductors K32L3A Datasheet HTML 8Page - NXP Semiconductors K32L3A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 162 page
background image
K32L3A
72 MHz Arm® Cortex®-M0+/M4F Dual Core Microcontroller
with up to 1280 KB Flash and 384 KB SRAM
The K32L3A family of devices is an ultra-low-power, dual core
solution ideal for applications that require a high performance
Cortex-M4F processor to run the application and an efficient
Cortex-M0+ to run low power operations such as sensor data
collection and perform low level operations that don't need the
full power of the M4 core.
Core Processor
• Arm Cortex-M4F core up to 72 MHz (high-speed run up to
72 MHz) for application code
• Arm Cortex-M0+ core up to 72 MHz (high-speed run up to
72 MHz) for low power operations
Memories
• 1.25 MB program flash memory, 1 MB on the M4F domain
and 256 KB on the M0+ domain
• 384 KB SRAM, 256 KB on the M4F domain and 128 KB on
the M0+ domain
• 48 KB ROM with built-in bootloader
• 32 B system register file and 32 B RTC register file
• External bus interface (FlexBUS) for off-chip memory
expansion
Clocks
• Low-Power Frequency-Locked Loop (LPFLL)
• Range 1: 48 MHz
• Range 2: 72 MHz
• Internal Resistance-Capacitance Oscillators (IRCs)
• Fast-Speed IRC (48, 52, 56, 60 MHz)
• Slow-Speed IRC (8 MHz or 2 MHz)
• Low Power Oscillator (LPO - 1 kHz)
• Real Time Clock Oscillator (RTCOSC)
• System Clock Generation
System
• Dual Direct Memory Access (DMA) controllers with
asynchronous capability
• M4F: 16 channels, 64 inputs per channel
• M0+: 8 channels, 32 inputs per channel
Timers
• 2 x 6 ch., 2 x 2 ch. Timer PWM Modules (TPM)
• 2 x 4 ch. Low Power Programmable Interrupt
Timer (LPIT)
• 3 Low Power Timer (LPTMR)
• Real Time Clock (RTC)
• One 56-bit Time stamp
Security and Integrity
• 80-bit unique identification number per chip
• Advanced Flash security and access control
• 16-bit or 32-bit Hardware CRC with
programmable generator polynomial
• Low-power Cryptographic Acceleration Unit
(CAU3) supporting AES128/196/256, DES/
3DES, SHA 256, RSA and ECC PK-256/
Curve25519
• True Random Number Generator
• Up to 4 active anti-tamper detection pins
Analog
• 1 x 12-bit single ended low-power ADC
• 2 x Low power comparator (LPCMP) each
containing a 6-bit DAC and programmable
reference input
• 1 x 12-bit low power digital-to-analog converter
(LPDAC)
• 1 x 1.2V/2.1V dual-range VREF
Peripherals
• 1 x Universal Serial Bus (USB) 2.0 Full Speed
(FS) controller with integrated hardware
transceiver, 5 V regulator and 2 KB USB RAM
K32L3A60VPJ1AT
176 VFBGA
9 x 9 x 1 mm Pitch 0.5 mm
NXP Semiconductors
Document Number: K32L3A
Data Sheet: Technical Data
Rev. 1, 09/2019
NXP reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.


Similar Part No. - K32L3A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
K32L SHUNYE-K32L Datasheet
472Kb / 3P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
logo
NXP Semiconductors
K32L2A31VLH1A NXP-K32L2A31VLH1A Datasheet
1Mb / 96P
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
Rev. 3, 02/2021
K32L2A31VLL1A NXP-K32L2A31VLL1A Datasheet
1Mb / 96P
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
Rev. 3, 02/2021
K32L2A41VLH1A NXP-K32L2A41VLH1A Datasheet
1Mb / 96P
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
Rev. 3, 02/2021
K32L2A41VLL1A NXP-K32L2A41VLL1A Datasheet
1Mb / 96P
K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM
Rev. 3, 02/2021
More results

Similar Description - K32L3A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC122X_1108 NXP-LPC122X_1108 Datasheet
513Kb / 61P
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Rev. 2-26 August 2011
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC81XM NXP-LPC81XM_13 Datasheet
533Kb / 71P
32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 3-29 July 2013
LPC81XM PHILIPS-LPC81XM_15 Datasheet
739Kb / 77P
32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 4.4-23 June 2015
MKL82Z128VLK7 NXP-MKL82Z128VLK7 Datasheet
1Mb / 133P
72 MHz ARM짰 Cortex짰-M0 with 128 KB Flash and 96 KB SRAM
Rev. 3, 08/2016
MKL82Z128VMC7 NXP-MKL82Z128VMC7 Datasheet
1Mb / 133P
72 MHz ARM짰 Cortex짰-M0 with 128 KB Flash and 96 KB SRAM
Rev. 3, 08/2016
logo
Holtek Semiconductor In...
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
October 23, 2017
logo
NXP Semiconductors
LPC82X NXP-LPC82X Datasheet
2Mb / 83P
32-bit ARM짰 Cortex짰-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1.4-19 March 2021
KE1XZP100M72SF0 NXP-KE1XZP100M72SF0 Datasheet
1Mb / 92P
Kinetis KE1xZ with up to 256 KB Flash Up to 72 MHz ARM짰 Cortex짰-M0 Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com