Electronic Components Datasheet Search
  English  ▼

X  

K32L3A Datasheet(PDF) 49 Page - NXP Semiconductors

Part # K32L3A
Description  72 MHz Arm짰 Cortex짰-M0/M4F Dual Core Microcontroller with up to 1280 KB Flash and 384 KB SRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L3A Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button K32L3A Datasheet HTML 45Page - NXP Semiconductors K32L3A Datasheet HTML 46Page - NXP Semiconductors K32L3A Datasheet HTML 47Page - NXP Semiconductors K32L3A Datasheet HTML 48Page - NXP Semiconductors K32L3A Datasheet HTML 49Page - NXP Semiconductors K32L3A Datasheet HTML 50Page - NXP Semiconductors K32L3A Datasheet HTML 51Page - NXP Semiconductors K32L3A Datasheet HTML 52Page - NXP Semiconductors K32L3A Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 162 page
background image
0x0000_0000
0x0103_FFFF
0x0800_0000
0x0800_FFFF
0x0880_0000
0x0880_BFFF
Code space
Data space
Boot ROM
FlexBus
Execution
Alias
0x0900_0000
0x0901_FFFF
0x1000_0000
0x1FFF_FFFF
0x2000_0000
0x2002_FFFF
0x4000_0000
Public
peripheral
FlexBus
(External
Memory)
Internal private
peripheral bus
0x4802_0FFF
0xA000_0000
0xAFFF_FFFF
0xE000_0000
0xE003_FFFF
CM4 Flash
(1MB)
CM0+ Flash
(256 KB)
0x0000_0000
0x000F_FFFF
0x0100_0000
0x0103_FFFF
0x0800_0000
0x0800_FFFF
CM4 ITCM RAM
0x0880_0000
0x0880_BFFF
ROM
CM0+ TCM
SRAM
0x0900_0000
0x0901_FFFF
CM4 DTCM
SRAM
0x2000_0000
0x2002_FFFF
Data space
Data space
0x4000_0000
0x4007_FFFF
CM4 AIPS0
0x4100_0000
0x4107_FFFF
CM0+ AIPS0
Rapid GPIO
(PTA/B/C/D)
0x4802_0000
0x4802_0FFF
FlexRAM
USB SRAM
0x4800_0000
0x4800_0FFF
0x4801_0000
0x4801_07FF
Instrumentation
Trace Macrocell
0xE000_0000
0xE000_0FFF
Data Watchpoint
and trace
Flash patch and
breakpoint
Reserved
System control
space
External private
peripheral bus
ITrace port
interface unit
0xE004_1000
Embedded trace
macrocell
Cross trigger
interface
Reserved
Miscellaneous
control module
0xE004_0000
0xFFFF_FFFF
0xE000_1000
0xE000_1FFF
0xE000_2000
0xE000_2FFF
0xE000_F000
0xE000_EFFF
0xE004_0000
0xE004_0FFF
0xE004_1FFF
0xE004_4000
0xE004_4FFF
0xE008_0000
0xE008_0FFF
MSCM
Reserved
Reserved
Reserved
SYSPM
CM4 corssbar switch
DMA0 controleer
DMA0 controller transfer control descriptor
Reserved
FlexBus
Reserved
xRDC MGR
xRDC MDAC
xRDC PAC
xRDC MRC
Reserved
SEMA42
Reserved
MSMC_SMC0
DMAMUX0
EWM
FTFE
LLWU0
MU-A
SIM
SIM-DGO
SPM
RGMUX0
WDOG0
PCC0
SCG
System register file
VBAT register file
CRC0
LPIT0
RTC
LPTMR0
LPTMR1
TSTMRA
TPM0
TPM1
TPM2
EMVSIM0
FlexIO0
LPI2C0
LPI2C1
LPI2C2
I2S0
uSDHC0
LPSPI0
LPSPI1
LPSPI2
LPUART0
LPUART1
LPUART2
USB0
PORTA
PORTB
PORTC
PORTD
LPADC0
LPCMP0
DAC0
VREF
0x4000_0000
0x4000_1000
0x4000_2000
0x4000_5000
0x4000_3000
0x4000_4000
0x4000_8000
0x4000_9000
0x4000_A000
0x4001_4000
0x4000_C000
0x4000_D000
0x4001_5000
0x4001_6000
0x4001_7000
0x4001_C000
0x4001_8000
0x4001_B000
0x4002_0000
0x4002_1000
0x4002_2000
0x4002_5000
0x4002_3000
0x4002_4000
0x4002_6000
0x4002_7000
0x4002_8000
0x4002_B000
0x4002_9000
0x4002_A000
0x4002_C000
0x4002_D000
0x4002_E000
0x4003_1000
0x4002_F000
0x4003_0000
0x4003_2000
0x4003_3000
0x4003_4000
0x4003_7000
0x4003_5000
0x4003_6000
0x4003_8000
0x4003_9000
0x4003_A000
0x4003_D000
0x4003_B000
0x4003_C000
0x4003_E000
0x4003_F000
0x4004_0000
0x4004_3000
0x4004_1000
0x4004_2000
0x4004_4000
0x4004_5000
0x4004_6000
0x4004_9000
0x4004_7000
0x4004_8000
0x4004_A000
0x4004_D000
0x4004_B000
0x4004_C000
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
(see next figures
for peripherals)
Figure 5. Memory map (CM4)
Overview
K32L3A, Rev. 1, 09/2019
49
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com