Electronic Components Datasheet Search
  English  ▼

X  

K32L3A Datasheet(PDF) 97 Page - NXP Semiconductors

Part # K32L3A
Description  72 MHz Arm짰 Cortex짰-M0/M4F Dual Core Microcontroller with up to 1280 KB Flash and 384 KB SRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K32L3A Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button K32L3A Datasheet HTML 93Page - NXP Semiconductors K32L3A Datasheet HTML 94Page - NXP Semiconductors K32L3A Datasheet HTML 95Page - NXP Semiconductors K32L3A Datasheet HTML 96Page - NXP Semiconductors K32L3A Datasheet HTML 97Page - NXP Semiconductors K32L3A Datasheet HTML 98Page - NXP Semiconductors K32L3A Datasheet HTML 99Page - NXP Semiconductors K32L3A Datasheet HTML 100Page - NXP Semiconductors K32L3A Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 162 page
background image
Table 65. Power consumption operating behaviors in regulator mode (continued)
Symbol
Description
Temp
(°C)
Active
core
LDO
(VDD_DCDC=3V)
DCDC
(VDD_DCDC=3.3V
)
Unit
Notes
Typ.
Max
Typ.
Max
1
6.363
6.999
4.165
4.582
0 & 1
13.813
15.194
7.859
8.645
IDD_DCDC
Active core in high speed
RUN Inactive core in
STOP Coremark
benchmark code;
Execution from flash
Core Vdd = 1.4V Core
clock = 72MHz
25
0
10.232
11.255
5.963
6.559
mA
1
8.033
8.836
4.699
5.169
0 & 1
15.751
17.326
8.647
9.512
70
0
10.347
11.382
6.265
6.892
1
7.881
8.836
4.683
5.152
0 & 1
16.036
17.640
9.005
9.905
85
0
10.878
11.965
6.352
6.987
1
8.394
9.234
5.074
5.581
0 & 1
16.714
18.386
8.937
9.830
105
0
12.123
13.335
6.979
7.677
1
9.735
10.709
5.552
6.108
0 & 1
17.831
19.614
9.812
10.793
IDD_DCDC
Active core in WAIT
Inactive core in STOP All
peripheral clocks
disabled
25
0
2.732
3.005
2.103
2.461
mA
1
2.388
2.626
1.103
2.31
0 & 1
3.231
3.554
2.43
2.675
70
0
2.938
3.232
2.359
2.595
1
2.553
2.809
2.214
2.436
0 & 1
3.487
3.836
2.579
2.837
85
0
3.234
3.557
2.506
2.756
1
2.784
3.063
2.326
2.558
0 & 1
3.853
4.239
2.746
3.020
105
0
3.903
4.332
2.893
3.211
1
3.740
3.667
2.653
2.945
0 & 1
4.672
5.186
3.203
3.556
IDD_DCDC
Active core in WAIT
Inactive core in STOP All
peripheral clocks enabled
25
0
4.398
4.838
2.902
3.193
mA
1
3.740
4.114
2.637
3.901
0 & 1
6.100
6.710
3.587
3.946
70
0
4.610
5.071
3.034
3.337
1
3.921
4.313
2.754
3.029
0 & 1
6.382
7.021
3.754
4.129
85
0
4.917
5.409
3.175
3.493
1
4.168
4.585
2.876
3.163
0 & 1
6.770
7.447
2.935
4.328
105
0
5.587
6.201
3.578
3.972
Table continues on the next page...
Electrical characteristics
K32L3A, Rev. 1, 09/2019
97
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com