Electronic Components Datasheet Search
  English  ▼

X  

W5200 Datasheet(PDF) 56 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 56 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 52Page - WIZnet Co., Ltd W5200 Datasheet HTML 53Page - WIZnet Co., Ltd W5200 Datasheet HTML 54Page - WIZnet Co., Ltd W5200 Datasheet HTML 55Page - WIZnet Co., Ltd W5200 Datasheet HTML 56Page - WIZnet Co., Ltd W5200 Datasheet HTML 57Page - WIZnet Co., Ltd W5200 Datasheet HTML 58Page - WIZnet Co., Ltd W5200 Datasheet HTML 59Page - WIZnet Co., Ltd W5200 Datasheet HTML 60Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
56
address. At this time, there is no need to get the destination hardware address about
destination A, B and C, and also ARPTOis not occurred.
Note: Broadcast IP
=> The Broadcast IP address can be obtained by performing a bit-wise logical OR
operation between the bit complement of the subnet mask and the host’s IP address.
ex> If IP:”222.98.173.123” and the subnet mask:“255.255.255.0”, broadcast IP is
“222.98.173.255”
Description
Decimal
Binary
HOST IP
222.098.173.123 11011110.01100010.10101101.01111011
Bit Complement Subnet mask
000.000.000.255 00000000.00000000.00000000.11111111
Bitwise OR
-
-
Broadcast IP
222.098.173.255 11011110.01100010.10101101.11111111
SOCKET Initialization
For the UDP data communication, SOCKET initialization is required; it opens the SOCKET.
The SOCKET open process is as followed. At first, choose one SOCKET among the 8
SOCKETS of W5200, then set the protocol mode (Sn_MR(P3:P0)) of the chosen SOCKET
and set the source port number Sn_PORT0 for communication. Finally, execute the OPEN
command. After the OPEN command, the state of Sn_SR is changed to SOCK_UDP. Then
the SOCKET initialization is complete.
{
START:
Sn_MR = 0x02;
/* sets UDP mode */
Sn_PORT0 = source_port;
/* sets source port number */
Sn_CR = OPEN;
/* sets OPEN command */
/* wait until Sn_SR is changed to SOCK_UDP */
if (Sn_SR != SOCK_UDP) Sn_CR = CLOSE; goto START;
}
Check received data
Check the reception of UDP data from destination. User can also check for received data
via TCP communication. It is strongly recommended to use the second method because
of the same reasoning from TCP. Please refer to the “5.2.1.1 TCP SERVER”.
First method :
{
if (Sn_IR(RECV) == ‘1’) Sn_IR(RECV) = ‘1’; goto Receiving Process stage;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com