Electronic Components Datasheet Search
  English  ▼

X  

W5200 Datasheet(PDF) 62 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 62 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 58Page - WIZnet Co., Ltd W5200 Datasheet HTML 59Page - WIZnet Co., Ltd W5200 Datasheet HTML 60Page - WIZnet Co., Ltd W5200 Datasheet HTML 61Page - WIZnet Co., Ltd W5200 Datasheet HTML 62Page - WIZnet Co., Ltd W5200 Datasheet HTML 63Page - WIZnet Co., Ltd W5200 Datasheet HTML 64Page - WIZnet Co., Ltd W5200 Datasheet HTML 65Page - WIZnet Co., Ltd W5200 Datasheet HTML 66Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
62
5.2.2.2
Multicast
The broadcast communication communicates with many and unspecified others. But the
multicast communication communicates with many specified others who registered at a
multicast-group. Suppose that A, B, and C are registered at a specified multicast-group.
If user transmits data to multicast-group (contains A), B and C also receive the DATA for
A. To use multicast communication, the destination list registers to multicast-group by
using IGMP protocol. The multicast-group consists of ‘Group hardware address,’ ‘Group
IP address,’ and ‘Group port number.’ User cannot change the ‘Group hardware address’
and ‘Group IP address.’ But the ‘Group port number’ can be changed.
The ‘Group hardware address’ is selected at the assigned range (From
“01:00:5e:00:00:00”to “01:00:5e:7f:ff:ff”) and the ‘Group IP address’ is selected in D-
class IP address (From “224.0.0.0” to “239.255.255.255”, please refer to the website;
http://www.iana.org/assignments/multicast-addresses
U
).
When selecting, the upper 23bit of 6bytes ‘Group hardware address’ and the 4bytes
‘Group IP address’ must be the same. For example, if the user selects the ‘Group IP
address’ to
“244.1.1.11,”
the
‘Group
hardware
address’ is
selected
to
“01:00:5e:01:01:0b.” Please refer to the “RFC1112” (
U
http://www.ietf.org/rfc.html
U
).
In the W5200, IGMP processing to register the multicast-group is internally
(automatically) processed. When the user opens the Socket n with multicast mode,
the “Join” message is internally transmitted. If the user closes it, the “Leave” message
is internally transmitted. After the SOCKET opens, the “Report” message is periodically
and internally transmitted when the user communicates.
The W5200 support IGMP version 1 and version 2 only. If user wants use an updated
version, the host processes IGMP directly by using the IPRAW mode SOCKET.
SOCKET Initialization
Choose one SOCKET for multicast communication among 8 SOCKETS of W5200. Set the
Sn_DHAR0 to ‘Multicast-group hardware address’ and set the Sn_DIPR0 to ‘Multicast-
group IP address.’ Then set the Sn_PORT0 and Sn_DPORT0 to ‘Multicast-group port
number.’ Set the Sn_MR(P3:P0) to UDP and set the Sn_MR(MULTI) to ‘1.’ Finally, execute
OPEN command. If the state of Sn_SR is changed to SOCK_UDP after the OPEN command,
the SOCKET initialization is completed.
{
START:
/* set Multicast-Group information */
Sn_DHAR0 = 0x01;
/* set Multicast-Group H/W address(01:00:5e:01:01:0b) */
Sn_DHAR1 = 0x00;
Sn_DHAR2 = 0x5E;
Sn_DHAR3 = 0x01;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com