Electronic Components Datasheet Search
  English  ▼

X  

W5200 Datasheet(PDF) 15 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 15 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 11Page - WIZnet Co., Ltd W5200 Datasheet HTML 12Page - WIZnet Co., Ltd W5200 Datasheet HTML 13Page - WIZnet Co., Ltd W5200 Datasheet HTML 14Page - WIZnet Co., Ltd W5200 Datasheet HTML 15Page - WIZnet Co., Ltd W5200 Datasheet HTML 16Page - WIZnet Co., Ltd W5200 Datasheet HTML 17Page - WIZnet Co., Ltd W5200 Datasheet HTML 18Page - WIZnet Co., Ltd W5200 Datasheet HTML 19Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
15
3
W5200 Registers
3.1 common registers
Address
Register
0x0000
Mode (MR)
0x0001
0x0002
0x0003
0x0004
Gateway Address
(GAR0)
(GAR1)
(GAR2)
(GAR3)
0x0005
0x0006
0x0007
0x0008
Subnet mask Address
(SUBR0)
(SUBR1)
(SUBR2)
(SUBR3)
0x0009
0x000A
0x000B
0x000C
0x000D
0x000E
Source Hardware Address
(SHAR0)
(SHAR1)
(SHAR2)
(SHAR3)
(SHAR4)
(SHAR5)
0x000F
0x0010
0x0011
0x0012
Source IP Address
(SIPR0)
(SIPR1)
(SIPR2)
(SIPR3)
0x0013
0x0014
Reserved
0x0015
Interrupt (IR)
0x0016
Interrupt Mask (IMR)
0x0017
0x0018
Retry Time
(RTR0)
(RTR1)
0x0019
Retry Count (RCR)
0x001A
Reserved
0x001B
Address
Register
0x001C
0x001D
Authentication Type
in PPPoE
(PATR0)
(PATR1)
0x001E
Authentication
Algorithm in PPPoE
(PPPALGO)
0x001F
Chip version(VERSIONR)
0x0020
~
0x0027
Reserved
0x0028
PPP
LCP
RequestTimer
(PTIMER)
0x0029
PPP
LCP
Magic
number (PMAGIC)
0x002A
~
0x002F
Reserved
0x0030
0x0031
Interrupt Low Level
Timer
(INTLEVEL0)
(INTLEVEL1)
0x0032
~
0x0033
Reserved
0x0034
Socket Interrupt (IR2)
0x0035
PHY Status(PSTATUS)
0x0036
Socket Interrupt Mask
(IMR2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com