Electronic Components Datasheet Search
  English  ▼

X  

W5200 Datasheet(PDF) 66 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 66 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 62Page - WIZnet Co., Ltd W5200 Datasheet HTML 63Page - WIZnet Co., Ltd W5200 Datasheet HTML 64Page - WIZnet Co., Ltd W5200 Datasheet HTML 65Page - WIZnet Co., Ltd W5200 Datasheet HTML 66Page - WIZnet Co., Ltd W5200 Datasheet HTML 67Page - WIZnet Co., Ltd W5200 Datasheet HTML 68Page - WIZnet Co., Ltd W5200 Datasheet HTML 69Page - WIZnet Co., Ltd W5200 Datasheet HTML 70Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
66
/* sets IP raw mode */
Sn_MR = 0x03;
/* sets OPEN command */
Sn_CR = OPEN;
/* wait until Sn_SR is changed to SOCK_IPRAW */
if (Sn_SR != SOCK_IPRAW) Sn_CR = CLOSE; goto START;
}
Check received data
Refer to the “5.2.2.1 Unicast & Broadcast.”
Receiving process
Process the IPRAW data which is received in internal RX memory. The structure of
received IPRAW data is as below.
Figure 15 The receive IPRAW data Format
The IPRAW data consists 6 bytes PACKET-INFO and DATA packet. The PACKET-INFO
contains information about the transmitter (IP address) and the length of the DATA-
packet. The data reception of IPRAW is the same as UDP data reception except
processing the port number of the transmitter in UDP PACKET-INFO. Refer to the “5.2.2.1
Unicast & Broadcast.” If the transmitted DATA size is larger than RX memory free size of
Socket n , user cannot receive that DATA and also cannot receive fragmented DATA.
Checks send data / Sending process
The size of DATA which user wants to transmit cannot be larger than Internal TX memory
and default MTU. The transmission of IPRAW data is the same as transmission of UDP
data except setting ‘Destination port number’. Refer to the “5.2.2.1 Unicast &
Broadcast.”
Complete sending / Timeout
Same as UDP, please refer to the “5.2.2 UDP.”
Check finished / SOCKET closed
Same as UDP, please refer to the “5.2.2 UDP.”
5.2.4 MACRAW
The MACRAW communication is based on Ethernet MAC, and it can flexibly use upper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com