Electronic Components Datasheet Search
  English  ▼

X  

W5200 Datasheet(PDF) 73 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 73 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 69Page - WIZnet Co., Ltd W5200 Datasheet HTML 70Page - WIZnet Co., Ltd W5200 Datasheet HTML 71Page - WIZnet Co., Ltd W5200 Datasheet HTML 72Page - WIZnet Co., Ltd W5200 Datasheet HTML 73Page - WIZnet Co., Ltd W5200 Datasheet HTML 74Page - WIZnet Co., Ltd W5200 Datasheet HTML 75Page - WIZnet Co., Ltd W5200 Datasheet HTML 76Page - WIZnet Co., Ltd W5200 Datasheet HTML 77Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
73
6
External Interface
For the communication with MCU, W5200 provides SPI I/F modes. For the communication
with Ethernet PHY, MII is used.
6.1 SPI (Serial Peripheral Interface) mode
Serial Peripheral Interface Mode uses only four pins for data communication.
Four pins are CSn, SCLK, MOSI, and MISO.
Figure 18 SPI Interface
6.2 Device Operations
W5200 is controlled by a set of instruction that is sent from a external host , commonly
referred to as the SPI Master. The SPI Master communicates with W5200 via the SPI bus,
which is composed of four signal lines: Slave Chip Select (CSn), Serial Clock (SCLK), MOSI
(Master Out Slave In) and MISO (Master In Slave Out).
The SPI protocol defines four modes for its operation (Mode 0-3). Each mode differs
according to the SCLK polarity and phase - how the polarity and phase control the flow of
data on the SPI bus. The W5200 operates as SPI Slave device and supports the most common
modes - SPI Mode 0 and 3.
The only difference between SPI Mode 0 and 3 is the polarity of the SCLK signal at the
inactive state. With SPI Mode 0 and 3, data is always latched in on the rising edge of SCLK
and always output on the falling edge of SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com