Electronic Components Datasheet Search
  English  ▼

X  

W5200 Datasheet(PDF) 81 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 81 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 77Page - WIZnet Co., Ltd W5200 Datasheet HTML 78Page - WIZnet Co., Ltd W5200 Datasheet HTML 79Page - WIZnet Co., Ltd W5200 Datasheet HTML 80Page - WIZnet Co., Ltd W5200 Datasheet HTML 81Page - WIZnet Co., Ltd W5200 Datasheet HTML 82Page - WIZnet Co., Ltd W5200 Datasheet HTML 83Page - WIZnet Co., Ltd W5200 Datasheet HTML 84Page - WIZnet Co., Ltd W5200 Datasheet HTML 85Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
81
7.4.3 SPI Timing
Figure 24 SPI Timing
5 Theoretical Guaranteed Speed
Even though theoretical design speed is 80MHz, the signal in the high speed may be distorted because of
the circuit crosstalk and the length of the signal line. The minimum guaranteed speed of the SCLK is 33.3
MHz which was tested and measured with the stable waveform.
6 2.1ns is when pn loaded with 30pF. The time is shorter with lower capacitance.
Symbol
Description
Min
Max
Units
FSCK
SCK Clock Frequency
80/33.35
MHz
TWH
SCK High Time
6
ns
TWL
SCK Low Time
6
ns
TCS
CSn High Time
5
ns
TCSS
CSn Setup Time
5
-
ns
TCSH
CSn Hold Time
5
ns
TDS
Data In Setup Time
3
ns
TDH
Data In Hold Time
3
ns
TOV
Output Valid Time
5
ns
TOH
Output Hold Time
0
ns
TCHZ
CSn High to Output Hi-Z
2.16
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com