Electronic Components Datasheet Search
  English  ▼

X  

W5200 Datasheet(PDF) 25 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 25 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 21Page - WIZnet Co., Ltd W5200 Datasheet HTML 22Page - WIZnet Co., Ltd W5200 Datasheet HTML 23Page - WIZnet Co., Ltd W5200 Datasheet HTML 24Page - WIZnet Co., Ltd W5200 Datasheet HTML 25Page - WIZnet Co., Ltd W5200 Datasheet HTML 26Page - WIZnet Co., Ltd W5200 Datasheet HTML 27Page - WIZnet Co., Ltd W5200 Datasheet HTML 28Page - WIZnet Co., Ltd W5200 Datasheet HTML 29Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
25
Multicast
0 : using IGMP version 2
1 : using IGMP version 1
This bit is valid when MULTI bit is enabled and UDP mode is used (P3-P0 :
“0010”). In addition, multicast can be used to send out the version
number in IGMP messages such as Join/Leave/Report to multicast-group
4
Reserved
Reserved
3
P3
Protocol
Sets up corresponding socket as TCP, UDP, or IP RAW mode
P
3
P
2
P
1
P
0
Meaning
0
0
0
0
Closed
0
0
0
1
TCP
0
0
1
0
UDP
0
0
1
1
IPRAW
* In case of socket 0, MACRAW and PPPoE mode exist.
P
3
P
2
P
1
P
0
Meaning
0
1
0
0
MACRAW
0
1
0
1
PPPoE
S0_MR_MACRAW and S0_MR_PPPoE are valid only in SOCKET 0.
S0_MR_PPPoE is temporarily used for PPPoE server
connection/Termination. After connection is established, it can be
utilized as another protocol.
2
P2
1
P1
0
P0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com