Electronic Components Datasheet Search
  English  ▼

X  

W5200 Datasheet(PDF) 23 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 23 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 19Page - WIZnet Co., Ltd W5200 Datasheet HTML 20Page - WIZnet Co., Ltd W5200 Datasheet HTML 21Page - WIZnet Co., Ltd W5200 Datasheet HTML 22Page - WIZnet Co., Ltd W5200 Datasheet HTML 23Page - WIZnet Co., Ltd W5200 Datasheet HTML 24Page - WIZnet Co., Ltd W5200 Datasheet HTML 25Page - WIZnet Co., Ltd W5200 Datasheet HTML 26Page - WIZnet Co., Ltd W5200 Datasheet HTML 27Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
23
PHYSTATUS(W5200 PHY status Register)[R/W][0x0035][0x00]
PHYSTATUS is the Register to indicate W5200 status of PHY.
Bit
Symbol
Description
7
Reserved
Reserved
6
Reserved
Reserved
5
LINK
Link Status Register[Read Only]
This register indicates Link status.
0 : Link down
1 : Link Up
4
Power save mode of PHY[Read/Write]2
0 : Disable Power save mode(operates normal mode)
1 : Enable Power save mode
3
POWERDOWN
Power down mode of PHY[Read/Write]
This register indicates status of Power down mode
0 : Disable Power down mode(operates normal mode)
1 : Enable Power down mode
2
Reserved
Reserved
1
Reserved
Reserved
0
Reserved
Reserved
IMR2 (Socket Interrupt Mask Register2) [R/W] [0x0036] [0x00]
The IMR2(Socket Interrupt Mask Register) is used to mask interrupts. Each interrupt mask bit
corresponds to a bit in the Interrupt Register (IR). If an interrupt mask bit is set, an interrupt
will be issued whenever the corresponding bit in the IR is set. If any bit in the IMR2 is set as ‘0’,
an interrupt will not occur though the bit in the IR is set.
7
6
5
4
3
2
1
0
IM_IR7
Reserved
IM_IR5
Reserved
Reserved
Reserved
Reserved
Reserved
Bit
Symbol
Description
7
IM_IR7
IP Conflict Enable
6
Reserved
Reserved
5
IM_IR5
PPPoE Close Enable
4
Reserved
Reserved
2 In this mode, the amplitudes of 10Mbps NLP and FLP will be reduced 3/8 off. And this kind of power
save is only for system level not chip level. This mode is only for 10Mbps mode and the special link-
partner which can accept this kind of link-pulse. If link-partner do not support this kind of link-pulse, we
recommend disabling the power save mode. The default value of power save mode is ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com