Electronic Components Datasheet Search
  English  ▼

X  

W5200 Datasheet(PDF) 57 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 57 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 53Page - WIZnet Co., Ltd W5200 Datasheet HTML 54Page - WIZnet Co., Ltd W5200 Datasheet HTML 55Page - WIZnet Co., Ltd W5200 Datasheet HTML 56Page - WIZnet Co., Ltd W5200 Datasheet HTML 57Page - WIZnet Co., Ltd W5200 Datasheet HTML 58Page - WIZnet Co., Ltd W5200 Datasheet HTML 59Page - WIZnet Co., Ltd W5200 Datasheet HTML 60Page - WIZnet Co., Ltd W5200 Datasheet HTML 61Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
57
/* In this case, if the interrupt of Socket n is activated, interrupt occurs. Refer to IR,
IMR Sn_IMR and Sn_IR. */
}
Second Method :
{
if (Sn_RX_RSR0 != 0x0000) goto Receiving Process stage;
}
Receiving process
Process the received UDP data in Internal RX memory.
The structure of received UDP data is as below.
Figure 13 The Received UDP data Format
The received UDP data consists of 8bytes PACKET-INFO, and DATA packet. The PACKET-
INFO contains transmitter’s information (IP address, Port number) and the length of DATA
packet. The UDP can receive UDP data from many others. User can classify the
transmitter by transmitter’s information of PACKET-INFO. It also receives broadcast
SOCKET by using “255.255.255.255” IP address. So the host should ignore unwanted
reception by analysis of transmitter’s information.
If the DATA size of Socket n is larger than Internal RX memory free size, user cannot
receive that DATA and also cannot receive fragmented DATA.
{
/* calculate offset address */
src_mask = Sn_RX_RD &g Sn_RX_MASK;
// src_mask is offset address
/* calculate start address(physical address) */
src_ptr = gSn_RX_BASE + src_mask;
// src_ptr is physical start address
/* read head information (8 bytes) */
header_size = 8;
/* if overflow SOCKET RX memory */
if ( (src_mask + header_size) > (gSn_RX_MASK + 1) )
{
/* copy upper_size bytes of src_ptr to header_addr*/
upper_size = (gSn_RX_MASK + 1) – src_mask;
memcpy(src_ptr, header, upper_size);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com