Electronic Components Datasheet Search
  English  ▼

X  

PMS152 Datasheet(PDF) 49 Page - PADAUK Technology.

Part # PMS152
Description  8bit OTP Type SuLED IO Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS152 Datasheet(HTML) 49 Page - PADAUK Technology.

Back Button PMS152 Datasheet HTML 45Page - PADAUK Technology. PMS152 Datasheet HTML 46Page - PADAUK Technology. PMS152 Datasheet HTML 47Page - PADAUK Technology. PMS152 Datasheet HTML 48Page - PADAUK Technology. PMS152 Datasheet HTML 49Page - PADAUK Technology. PMS152 Datasheet HTML 50Page - PADAUK Technology. PMS152 Datasheet HTML 51Page - PADAUK Technology. PMS152 Datasheet HTML 52Page - PADAUK Technology. PMS152 Datasheet HTML 53Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
PMS152
8bit OTP Type SuLED IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 49 of 91
PDK-DS-PMS152-EN_V105 –Jun. 9, 2020
Fig.14: Hardware diagram of whole set of triple SuLED 11-bit PWM generators
Fig.15: Output Timing Diagram of 11-bit PWM Generator
5.8.3
Equations for 11-bit PWM Generator
PWM Frequency FPWM = F clock source ÷ [ P × (CB10_1 + 1) ]
PWM Duty(in time) = (1 / FPWM) × ( DB10_1 + DB0 × 0.5 + 0.5) ÷ (CB10_1 + 1)
PWM Duty(in percentage) = ( DB10_1 + DB0 × 0.5 + 0.5) ÷ (CB10_1 + 1) × 100%
Where,
P = PWMGCLK [6:4]; pre-scalar P=1, 2, 4, 8, 16, 32, 64, 128
DB10_1 = Duty_Bound[10:1] = {PWMGxDTH[7:0], PWMGxDTL[7:6]},
duty bound
DB0 = Duty_Bound[0] = PWMGxDTL[5]
CB10_1 = Counter_Bound[10:1] = {PWMGCUBH[7:0], PWMGCUBL[7:6]},
counter bound
5.8.4
PWM Waveforms with Complementary Dead Zones
Based on the specific 11 bit PWM architecture of PMS152, here we employ PWM2 output and PWM0 inverse
output after PWM0 xor PWM1 to generate two PWM waveforms with complementary dead zones.
Example program is as follows:
#define
dead_zone
10
//
dead time = 10% * (1/PWM_Frequency) us
#define
PWM_Pulse
50
//
set 50% as PWM duty cycle
#define
PWM_Pulse_1
35
//
set 35% as PWM duty cycle
#define
PWM_Pulse_2
60
//
set 60% as PWM duty cycle
Time
0x7FF
Duty[10:0]
Output
bit PWM generation
Time
Output
Counter_Bound[10:1]
Timing Diagram for 11-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com