Electronic Components Datasheet Search
  English  ▼

X  

PMS152 Datasheet(PDF) 87 Page - PADAUK Technology.

Part # PMS152
Description  8bit OTP Type SuLED IO Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS152 Datasheet(HTML) 87 Page - PADAUK Technology.

Back Button PMS152 Datasheet HTML 83Page - PADAUK Technology. PMS152 Datasheet HTML 84Page - PADAUK Technology. PMS152 Datasheet HTML 85Page - PADAUK Technology. PMS152 Datasheet HTML 86Page - PADAUK Technology. PMS152 Datasheet HTML 87Page - PADAUK Technology. PMS152 Datasheet HTML 88Page - PADAUK Technology. PMS152 Datasheet HTML 89Page - PADAUK Technology. PMS152 Datasheet HTML 90Page - PADAUK Technology. PMS152 Datasheet HTML 91Page - PADAUK Technology.  
Zoom Inzoom in Zoom Outzoom out
 87 / 91 page
background image
PMS152
8bit OTP Type SuLED IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 87 of 91
PDK-DS-PMS152-EN_V105 –Jun. 9, 2020
9. Special Notes
This chapter is to remind user who use PMS152 series IC in order to avoid frequent errors upon operation.
9.1. Warning
User must read all application notes of the IC by detail before using it. Please download the related application
notes from the following link:
http://www.padauk.com.tw/tw/technical/index.aspx
9.2. Using IC
9.2.1. IO pin usage and setting
(1)
IO pin is set to be digital input
 When IO is set as digital input, the level of Vih and Vil would changes with the voltage and temperature.
Please follow the minimum value of Vih and the maximum value of Vil.
 The value of internal pull high resistor would also changes with the voltage, temperature and pin voltage.
It is not the fixed value.
(2)
IO pin as digital input and enable wakeup function
 Configure IO pin as input
 Set corresponding bit to “1” in PXDIER
 For those IO pins of PA that are not used, PADIER[1:2] should be set low in order to prevent them from
leakage.
(3) PA5 is set to be output pin
 PA5 can be set to be Open-Drain output pin only, output high requires adding pull-high resistor.
(4) PA5 is set to be PRSTB input pin
 Configure PA5 as input
 Set CLKMD.0=1 to enable PA5 as PRSTB input pin
(5) PA5 is set to be input pin and to connect with a push button or a switch by a long wire
Needs to put a >33Ω resistor in between PA5 and the long wire
 Avoid using PA5 as input in such application.
(6)
PA7 and PA6 as external crystal oscillator
 Configure PA7 and PA6 as input
 Disable PA7 and PA6 internal pull-high resistor
 Configure PADIER register to set PA6 and PA7 as analog input
 EOSCR register bit [6:5] selects corresponding crystal oscillator frequency :
01 : for lower frequency, ex : 32KHz
10 : for middle frequency, ex : 455KHz, 1MHz
11 : for higher frequency, ex : 4MHz
 Program EOSCR.7 =1 to enable crystal oscillator
 Ensure EOSC working well before switching from IHRC or ILRC to EOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com