Electronic Components Datasheet Search
  English  ▼

X  

PMS152 Datasheet(PDF) 14 Page - PADAUK Technology.

Part # PMS152
Description  8bit OTP Type SuLED IO Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS152 Datasheet(HTML) 14 Page - PADAUK Technology.

Back Button PMS152 Datasheet HTML 10Page - PADAUK Technology. PMS152 Datasheet HTML 11Page - PADAUK Technology. PMS152 Datasheet HTML 12Page - PADAUK Technology. PMS152 Datasheet HTML 13Page - PADAUK Technology. PMS152 Datasheet HTML 14Page - PADAUK Technology. PMS152 Datasheet HTML 15Page - PADAUK Technology. PMS152 Datasheet HTML 16Page - PADAUK Technology. PMS152 Datasheet HTML 17Page - PADAUK Technology. PMS152 Datasheet HTML 18Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 91 page
background image
PMS152
8bit OTP Type SuLED IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 14 of 91
PDK-DS-PMS152-EN_V105 –Jun. 9, 2020
Pin Name
Pin Type &
Buffer Type
Description
PA4 /
CIN+ /
CIN1- /
INT1A /
PG1PWM
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 4 of port A. It can be configured as digital input or two-state output, with
pull-high resistor.
(2) Plus input source of comparator.
(3) Minus input source 1 of comparator.
(4) External interrupt line 1A. It can be used as an external interrupt line 1. Both rising
edge and falling edge are accepted to request interrupt service and configurable
by register setting
(5) Output of 11-bit PWM generator PWMG1.
When this pin is configured as analog input, please use bit 4 of register padier to
disable the digital input to prevent current leakage. The bit 4 of padier register can be
set to “0” to disable digital input; wake-up from power-down by toggling this pin is also
disabled.
PA3 /
CIN0- /
TM2PWM /
PG2PWM
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 3 of port A. It can be configured as digital input or two-state output, with
pull-high resistor.
(2) Minus input source 0 of comparator.
(3) PWM output from Timer2
(4) Output of 11-bit PWM generator PWMG2
When this pin is configured as analog input, please use bit 3 of register padier to
disable the digital input to prevent current leakage. The bit 3 of padier register can be
set to “0” to disable digital input; wake-up from power-down by toggling this pin is also
disabled.
PA0 /
CO /
PG0PWM /
INT0
IO
ST /
CMOS
The functions of this pin can be:
(1) Bit 0 of port A. It can be configured as digital input or two-state output, with
pull-high resistor.
(2) Output of comparator.
(3) Output of 11-bit PWM generator PWMG0.
(4) External interrupt line 0. It can be used as an external interrupt line 0. Both rising
edge and falling edge are accepted to request interrupt service and configurable
by register setting
The bit 0 of padier register can be set to “0” to disable wake-up from power-down by
toggling this pin.
PB7 /
CIN5- /
PG1PWM
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 7 of port B. It can be configured as digital input or two-state output, with
pull-high resistor.
(2) Minus input source 5 of comparator.
(3) Output of 11-bit PWM generator PWMG1.
When this pin is configured as analog input, please use bit 7 of register pbdier to
disable the digital input to prevent current leakage. The bit 7 of pbdier register can
be set to “0” to disable digital input; wake-up from power-down by toggling this pin is
also disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com