Electronic Components Datasheet Search
  English  ▼

X  

PMS152 Datasheet(PDF) 29 Page - PADAUK Technology.

Part # PMS152
Description  8bit OTP Type SuLED IO Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS152 Datasheet(HTML) 29 Page - PADAUK Technology.

Back Button PMS152 Datasheet HTML 25Page - PADAUK Technology. PMS152 Datasheet HTML 26Page - PADAUK Technology. PMS152 Datasheet HTML 27Page - PADAUK Technology. PMS152 Datasheet HTML 28Page - PADAUK Technology. PMS152 Datasheet HTML 29Page - PADAUK Technology. PMS152 Datasheet HTML 30Page - PADAUK Technology. PMS152 Datasheet HTML 31Page - PADAUK Technology. PMS152 Datasheet HTML 32Page - PADAUK Technology. PMS152 Datasheet HTML 33Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 91 page
background image
PMS152
8bit OTP Type SuLED IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 29 of 91
PDK-DS-PMS152-EN_V105 –Jun. 9, 2020
5.3. Data Memory - SRAM
The access of data memory can be byte or bit operation. Besides data storage, the SRAM data memory is also
served as data pointer of indirect access method and the stack memory.
The stack memory is defined in the data memory. The stack pointer is defined in the stack pointer register; the
depth of stack memory of each processing unit is defined by the user. The arrangement of stack memory fully
flexible and can be dynamically adjusted by the user.
For indirect memory access mechanism, the data memory is used as the data pointer to address the data byte.
All the data memory could be the data pointer; it’s quite flexible and useful to do the indirect memory access.
Since the data width is 8-bit, all the 80 bytes data memory of PMS152 can be accessed by indirect access
mechanism.
5.4. Oscillator and Clock
There are three oscillator circuits provided by PMS152: external crystal oscillator (EOSC), internal high RC
oscillator (IHRC) and internal low RC oscillator (ILRC), and these three oscillators are enabled or disabled by
registers eoscr.7, clkmd.4 and clkmd.2 independently. User can choose one of these three oscillators as
system clock source and use clkmd register to target the desired frequency as system clock to meet different
applications.
Oscillator Module
Enable/Disable
EOSC
eoscr.7
IHRC
clkmd.4
ILRC
clkmd.2
Table 2: Three oscillation circuits
5.4.1. Internal High RC oscillator and Internal Low RC oscillator
After boot-up, the IHRC and ILRC oscillators are enabled. The frequency of IHRC can be calibrated to
eliminate process variation by ihrcr register; normally it is calibrated to 16MHz. Please refer to the
measurement chart for IHRC frequency verse VDD and IHRC frequency verse temperature.
The frequency will vary by process, supply voltage and temperature, please refer to DC specification and do
not use for accurate timing application.
5.4.2. Chip calibration
The IHRC frequency and band-gap reference voltage may be different chip by chip due to manufacturing
variation, PMS152 provide the IHRC frequency calibration to eliminate this variation, and this function can be
selected when compiling user’s program and the command will be inserted into user’s program automatically.
The calibration command is shown as below:
.ADJUST_IC SYSCLK=IHRC/(p1), IHRC=(p2)MHz, VDD=(p3)V;
Where, p1=2, 4, 8, 16, 32; In order to provide different system clock.
p2=14 ~ 18; In order to calibrate the chip to different frequency, 16MHz is the usually one.
p3=1.8 ~ 5.5; In order to calibrate the chip under different supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com