Electronic Components Datasheet Search
  English  ▼

X  

PMS152 Datasheet(PDF) 27 Page - PADAUK Technology.

Part # PMS152
Description  8bit OTP Type SuLED IO Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS152 Datasheet(HTML) 27 Page - PADAUK Technology.

Back Button PMS152 Datasheet HTML 23Page - PADAUK Technology. PMS152 Datasheet HTML 24Page - PADAUK Technology. PMS152 Datasheet HTML 25Page - PADAUK Technology. PMS152 Datasheet HTML 26Page - PADAUK Technology. PMS152 Datasheet HTML 27Page - PADAUK Technology. PMS152 Datasheet HTML 28Page - PADAUK Technology. PMS152 Datasheet HTML 29Page - PADAUK Technology. PMS152 Datasheet HTML 30Page - PADAUK Technology. PMS152 Datasheet HTML 31Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 91 page
background image
PMS152
8bit OTP Type SuLED IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 27 of 91
PDK-DS-PMS152-EN_V105 –Jun. 9, 2020
5. Functional Description
5.1. Program Memory - OTP
The OTP (One Time Programmable) program memory is used to store the program instructions to be executed.
The OTP program memory may contains the data, tables and interrupt entry. After reset, the initial address
0x000 is reserved for system using, so the program will start from 0x001 which is GOTO FPPA0 instruction
usually. The interrupt entry is 0x10 if used, the last 16 addresses are reserved for system using, like checksum,
serial number, etc. The OTP program memory for PMS152 is 1.25KW that is partitioned as Table 1. The OTP
memory from address ‘0x4E6 to 0x4FF is for system using, address space from0x002 to 0x00F and from
0x011 to 0x4E5 are user program spaces.
Address
Function
0x000
System Using
0x001
GOTO FPPA0 instruction
0x002
User program
•
•
0x00F
User program
0x010
Interrupt entry address
0x011
User program
•
•
0x4E5
User program
0x4E6
System Using
•
•
0x4FF
System Using
Table 1: Program Memory Organization
5.2. Boot Procedure
POR (Power-On-Reset) is used to reset PMS152 when power up. The boot up time can be optional fast or
normal. Time for fast boot-up is about 47 ILRC clock cycles whereas 2945 ILRC clock cycles for normal
boot-up. Customer must ensure the stability of supply voltage after power up no matter which option is chosen,
the power up sequence is shown in the Fig. 1 and tSBP is the boot up time.
Please noted, during Power-On-Reset, the VDD must go higher than VPOR to boot-up the MCU.
Fig.1: Power-Up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com