| Electronic Components Datasheet Search |
|
PMS152 Datasheet(PDF) 64 Page - PADAUK Technology. |
|
|
|||||||||||||||||||||||||||||
PMS152 Datasheet(HTML) 64 Page - PADAUK Technology. |
|
64 / 91 page ![]() PMS152 8bit OTP Type SuLED IO Controller ©Copyright 2020, PADAUK Technology Co. Ltd Page 64 of 91 PDK-DS-PMS152-EN_V105 –Jun. 9, 2020 6.11. Port B Digital Input Enable Register (pbdier), IO address = 0x0e Bit Reset R/W Description 7 - 6 11 WO Enable PB7~PB6 digital input and wake-up event. 1 / 0: enable / disable. The bit should be set to low when the pad is assigned as comparator input to prevent leakage current. If the bit is set to low, the pad can NOT be used to wake-up the system. 5 1 WO Enable PB5 digital input and wake-up event and interrupt request. 1 / 0: enable / disable. This bit can be set to low to disable wake-up from PB5 toggling and interrupt request from this pin. 4 - 1 1111 WO Enable PB4~PB1 digital input and wake-up event. 1 / 0: enable / disable. The bit should be set to low when the pad is assigned as comparator input to prevent leakage current. If the bit is set to low, the pad can NOT be used to wake-up the system. 0 1 WO Enable PB0 digital input and wake-up event and interrupt request. 1 / 0: enable / disable. This bit can be set to low to disable wake-up from PB0 toggling and interrupt request from this pin. 6.12. Port A Data Register (pa), IO address = 0x10 Bit Reset R/W Description 7 - 0 0x00 R/W Data register for Port A. 6.13. Port A Control Register (pac), IO address = 0x11 Bit Reset R/W Description 7 - 0 0x00 R/W Port A control registers. This register is used to define input mode or output mode for each corresponding pin of port A. 0 / 1: input / output Please note : PA5 is an open drain output. 6.14. Port A Pull-High Register (paph), IO address = 0x12 Bit Reset R/W Description 7 - 0 0x00 R/W Port A pull-high register. This register is used to enable the internal pull-high device on each corresponding pin of port A and this pull high function is active only for input mode. 0 / 1 : disable / enable 6.15. Port B Data Register (pb), IO address = 0x14 Bit Reset R/W Description 7 - 0 0x00 R/W Data register for Port B. 6.16. Port B Control Register (pbc), IO address = 0x15 Bit Reset R/W Description 7 - 0 0x00 R/W Port B control register. This register is used to define input mode or output mode for each corresponding pin of port B. 0 / 1: input / output |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |