Electronic Components Datasheet Search
  English  ▼

X  

W5100S Datasheet(PDF) 47 Page - WIZnet Co., Ltd

Part # W5100S
Description  embedded Ethernet controller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100S Datasheet(HTML) 47 Page - WIZnet Co., Ltd

Back Button W5100S Datasheet HTML 43Page - WIZnet Co., Ltd W5100S Datasheet HTML 44Page - WIZnet Co., Ltd W5100S Datasheet HTML 45Page - WIZnet Co., Ltd W5100S Datasheet HTML 46Page - WIZnet Co., Ltd W5100S Datasheet HTML 47Page - WIZnet Co., Ltd W5100S Datasheet HTML 48Page - WIZnet Co., Ltd W5100S Datasheet HTML 49Page - WIZnet Co., Ltd W5100S Datasheet HTML 50Page - WIZnet Co., Ltd W5100S Datasheet HTML 51Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 110 page
background image
W5100S Datasheet Version1.2.5
47 / 110
Sn_MSS sets SOCKET n MSS and it must be set before Sn_CR [OPEN]. Sn_MSS must not be
exceeded specified size as below table.
Mode
Normal (MR [PPPoE]=’0’) Range
PPPoE (MR [PPPoE]=’1’) Range
TCP
1~1460
1~1452
UDP
1~1472
1~1464
IPRAW
1480
1472
MACRAW
1514
Ex) S0_MSS = 1460 (0x05B4),
S0_MSS0(0x0412)
S0_MSS1(0x0413)
0x05
0xB4
3.2.10 Sn_PROTOR (SOCKET n IP Protocol Register)
[R=W] [0x0014+0x0100*(n+4)] [0x0000]
Sn_PROTOR configures Protocol Number (Ref IANA_Protocol Number) of IP Header except for
TCP (0x06), UDP (0x11) and IGMP (0x01).
On IPRAW Mode, only the Protocol configured in Sn_PROTR can be transmitted and received.
Ex) ICMP (Internet Control Message Protocol) = 0x01
3.2.11 Sn_TOS (SOCKET n IP Type Of Service Register)
[R=W] [0x0015+0x0100*(n+4)] [0x00]
Sn_TOS configures the TOS (Type Of Service) of IP Header. (Ref IANA_IP Parameters)
3.2.12 Sn_TTL (SOCKET n IP Time To Live Register)
[R=W] [0x0016+0x0100*(n+4)] [0x80]
Sn_TTL configures TTL (Time To Live) of IP header. (Ref IANA_IP Parameters)
3.2.13 Sn_RXBUF_SIZE (SOCKET n RX Buffer Size Register)
[RW] [0x001E+0x0100*(n+4)] [0x02]
Sn_RXBUF_SIZE configures SOCKET n RX Buffer Size as 0, 1, 2, 4 and 8 Kbytes. RX Memory is
sequentially allocated from SOCKET 0 to SOCKET 3. The total sum of Sn_RXBUF_SIZE must not
be exceeded 8 Kbytes. Sn_RXBUF_SIZE can also be configured by RMSR.
Value (Dec)
0
1
2
4
8
Buffer size
0KB
1KB
2KB
4KB
8KB
Ex) S0_RXBUF_SIZE = 8KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com