Electronic Components Datasheet Search
  English  ▼

X  

W5100S Datasheet(PDF) 87 Page - WIZnet Co., Ltd

Part # W5100S
Description  embedded Ethernet controller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100S Datasheet(HTML) 87 Page - WIZnet Co., Ltd

Back Button W5100S Datasheet HTML 83Page - WIZnet Co., Ltd W5100S Datasheet HTML 84Page - WIZnet Co., Ltd W5100S Datasheet HTML 85Page - WIZnet Co., Ltd W5100S Datasheet HTML 86Page - WIZnet Co., Ltd W5100S Datasheet HTML 87Page - WIZnet Co., Ltd W5100S Datasheet HTML 88Page - WIZnet Co., Ltd W5100S Datasheet HTML 89Page - WIZnet Co., Ltd W5100S Datasheet HTML 90Page - WIZnet Co., Ltd W5100S Datasheet HTML 91Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 110 page
background image
W5100S Datasheet Version1.2.5
87 / 110
4.9
Others Function
4.9.1 System Clock(SYS_CLK) Switching
SYS_CLK is set 25MHz or 100MHz. It is switched by MR2 [CLKSEL], PHYCR1 [RST] or PHYCR1
[PWDN]. At switching Clock speed, Host must wait until stabilized SYS_CLK. (Ref 7.4.1 Reset
Timing)
MR2[CLKSEL]
PHYCR1[RST]
PHYCR1[PWDN]
SYS_CLK(MHz)
0
1
X
25
0
0
0
100 (Default)
0
1
1
25
1
X
X
25
4.9.2 Ethernet PHY Operation Mode Configuration
PHY Operation Mode (Speed, Duplex) set by PHYCR0 is applied after Ethernet PHY H/W Reset.
Set PHY Operation Mode is checked through PHYSR [5:3] and the state of Link is described on
PHYSR [2:0] after Ethernet PHY Link Up.
Before PHYCR0 is set, PHYLCKR must be unlocked.
Ex) How to set PHY Operation Mode
PHY_10FDX :
{
/* PHYCR0 & PHYCR1 Unlock */
PHYLCKR = 0x53;
/* set PHYCR0 10Mbps/Full-Duplex */
PHYCR0[DPX] = ‘0’;
// 0 – FDX, 1 - HDX;
PHYCR0[SPD] = ‘1’ ;
// 0 - 100Mbps, 1 – 10Mbps;
PHYCR0[AUTO] = ‘1’;
// 0 – Auto-negotiation, 1 – Manual;
/* PHY Reset Process */
PHYCR1[RST] = ‘1’;
Wait TPRST;
// refer to 7.4.1 Reset Timing
/*wait until PHY Link is up*/
while(PHYSR[LINK] != ‘0’);
/* read PHYSR */
If( (PHYSR[DPX] == ‘0’ ) & ( PHYSR[SPD] == ‘1’) & (PHYSR[AUTO] == ‘1’) ) SUCCESS;
else FAIL;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com