Electronic Components Datasheet Search
  English  ▼

X  

W5100S Datasheet(PDF) 32 Page - WIZnet Co., Ltd

Part # W5100S
Description  embedded Ethernet controller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100S Datasheet(HTML) 32 Page - WIZnet Co., Ltd

Back Button W5100S Datasheet HTML 28Page - WIZnet Co., Ltd W5100S Datasheet HTML 29Page - WIZnet Co., Ltd W5100S Datasheet HTML 30Page - WIZnet Co., Ltd W5100S Datasheet HTML 31Page - WIZnet Co., Ltd W5100S Datasheet HTML 32Page - WIZnet Co., Ltd W5100S Datasheet HTML 33Page - WIZnet Co., Ltd W5100S Datasheet HTML 34Page - WIZnet Co., Ltd W5100S Datasheet HTML 35Page - WIZnet Co., Ltd W5100S Datasheet HTML 36Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 110 page
background image
32 / 110
W5100S Datasheet Version1.2.5
0 : Cable Plugged
6
-
Reserved
5
AUTO
Auto Negotiation Bit configured by PHYCR0[2]
1 : Disable Auto Negotiation
0 : Enable Auto Negotiation
4
SPD
Speed Bit configured by PHYCR0[1]
1 : 10Mbps
0 : 100Mbps
3
DPX
Duplex Bit configured by PHYCR0[0]
1 : Half Duplex
0 : Full Duplex
2
FDPX
Flag Duplex Bit (When Link up)
1 : Half Duplex
0 : Full Duplex
1
FSPD
Flag Speed Bit (When Link up)
1 : 10Mbps
0 : 100Mbps
0
LNK
Flag Link Bit
1 : Link Up
0 : Link Down
3.1.24 PHYSR1 (PHY Status Register 1)
[RO][0x003D][0x81]
PHYSR1 indicates PHY Active state, received RX Page, LPI Mode and Calibrate.
7
6
5
4
3
2
1
0
ACT
RXP
LPI
CAL
RO
RO
RO
RO
Bit
Symbol
Description
7
ACT
PHY Act
1 : PHY Act
0 : PHY No Act
[6:3]
-
Reserved
2
RXP
RX PAGE
1 : A New Page Received
0 : A New Page is not Received
1
LPI
LPI(Low Power Idle) Mode
1 : Enable LPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com