Electronic Components Datasheet Search
  English  ▼

X  

W5100S Datasheet(PDF) 18 Page - WIZnet Co., Ltd

Part # W5100S
Description  embedded Ethernet controller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100S Datasheet(HTML) 18 Page - WIZnet Co., Ltd

Back Button W5100S Datasheet HTML 14Page - WIZnet Co., Ltd W5100S Datasheet HTML 15Page - WIZnet Co., Ltd W5100S Datasheet HTML 16Page - WIZnet Co., Ltd W5100S Datasheet HTML 17Page - WIZnet Co., Ltd W5100S Datasheet HTML 18Page - WIZnet Co., Ltd W5100S Datasheet HTML 19Page - WIZnet Co., Ltd W5100S Datasheet HTML 20Page - WIZnet Co., Ltd W5100S Datasheet HTML 21Page - WIZnet Co., Ltd W5100S Datasheet HTML 22Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 110 page
background image
18 / 110
W5100S Datasheet Version1.2.5
2.1
W5100S Registers
2.1.1 Common registers
Table 3 Common Registers
Address
Register
0x0000
Mode (MR)
0x0001
0x0002
0x0003
0x0004
Gateway Address
(GAR0)
(GAR1)
(GAR2)
(GAR3)
0x0005
0x0006
0x0007
0x0008
Subnet Mask Address
(SUBR0)
(SUBR1)
(SUBR2)
(SUBR3)
0x0009
0x000A
0x000B
0x000C
0x000D
0x000E
Source Hardware Address
(SHAR0)
(SHAR1)
(SHAR2)
(SHAR3)
(SHAR4)
(SHAR5)
0x000F
0x0010
0x0011
0x0012
Source IP Address
(SIPR0)
(SIPR1)
(SIPR2)
(SIPR3)
0x0013
0x0014
Interrupt Pending Time
(INTPTMR0)
(INTPTMR1)
0x0015
Interrupt (IR)
0x0016
Interrupt Mask (IMR)
0x0017
0x0018
Retransmission Time
(RTR0)
(RTR0)
0x0019
Retransmission Time
(RCR)
0x001A
RX Memory Size
(RMSR)
0x001B
TX Memory Size
(TMSR)
Address
Register
0x001C
~
0x001F
Reserved
0x0020
Interrupt2 (IR2)
0x0021
Interrupt2 Mask (IMR2)
0x0022
~
0x0027
Reserved
0x0028
PPP LCP Request Timer
(PTIMER)
0x0029
PPP LCP Magic Number
(PMAGIC)
0x002A
0x002B
0x002C
0x002D
Unreachable IP Address
(UIPR0)
(UIPR1)
(UIPR2)
(UIPR3)
0x002E
0x002F
Unreachable Port
(UPORTR0)
(UPORTR1)
0x0030
Mode2 (MR2)
0x0031
Reserved
0x0032
0x0033
0x0034
0x0035
0x0036
0x0037
Destination Hardware Address
on PPPoE
(PHAR0)
(PHAR1)
(PHAR2)
(PHAR3)
(PHAR4)
(PHAR5)
0x0038
0x0039
Session ID on PPPoE
(PSIDR0)
(PSIDR1)
0x003A
0x003B
Maximum Receive Unit on PPPoE
(PMRUR0)
(PMRUR1)
0x003C
PHY Status
(PHYSR0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com