Electronic Components Datasheet Search
  English  ▼

X  

W5100S Datasheet(PDF) 28 Page - WIZnet Co., Ltd

Part # W5100S
Description  embedded Ethernet controller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100S Datasheet(HTML) 28 Page - WIZnet Co., Ltd

Back Button W5100S Datasheet HTML 24Page - WIZnet Co., Ltd W5100S Datasheet HTML 25Page - WIZnet Co., Ltd W5100S Datasheet HTML 26Page - WIZnet Co., Ltd W5100S Datasheet HTML 27Page - WIZnet Co., Ltd W5100S Datasheet HTML 28Page - WIZnet Co., Ltd W5100S Datasheet HTML 29Page - WIZnet Co., Ltd W5100S Datasheet HTML 30Page - WIZnet Co., Ltd W5100S Datasheet HTML 31Page - WIZnet Co., Ltd W5100S Datasheet HTML 32Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 110 page
background image
28 / 110
W5100S Datasheet Version1.2.5
Bit
Symbol
Description
[7:1]
-
Reserved
0
WOL
WOL MAGIC Packet Interrupt
1 : Received UDP based WOL Magic Packet.
0 : -
3.1.14 IMR2 (Interrupt Mask Register 2)
[R=W] [0x0021] [0x00]
IMR2 is used for the corresponding IR2 Bit Mask.
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
WOL
-
-
-
-
-
-
-
R=W
Bit
Symbol
Description
[7:1]
-
Reserved
0
WOL
WOL MAGIC Packet Interrupt Mask
1 : Enable WOL MAGIC Packet Interrupt
0 : Disable WOL MAGIC Packet Interrupt
3.1.15 PTIMER (PPP Link Control Protocol Request Timer
Register)
[R=W] [0x0028] [0x28]
PTIMER configures the sending period for LCP Echo Request. The unit is 25ms.
Ex) PTIMER = 200 (0xC8),
200 * 25ms = 5s
3.1.16 PMAGIC (PPP Link Control Protocol Magic number
Register)
[R=W] [0x0029] [0x00]
PMAGIC configures 4 Bytes Magic Number for LCP Echo Request.
Ex) PMAGIC = 0x01
PMAGIC(0x0029)
0x01
LCP Magic Number = 0x01010101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com