Electronic Components Datasheet Search
  English  ▼

X  

W5100S Datasheet(PDF) 85 Page - WIZnet Co., Ltd

Part # W5100S
Description  embedded Ethernet controller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100S Datasheet(HTML) 85 Page - WIZnet Co., Ltd

Back Button W5100S Datasheet HTML 81Page - WIZnet Co., Ltd W5100S Datasheet HTML 82Page - WIZnet Co., Ltd W5100S Datasheet HTML 83Page - WIZnet Co., Ltd W5100S Datasheet HTML 84Page - WIZnet Co., Ltd W5100S Datasheet HTML 85Page - WIZnet Co., Ltd W5100S Datasheet HTML 86Page - WIZnet Co., Ltd W5100S Datasheet HTML 87Page - WIZnet Co., Ltd W5100S Datasheet HTML 88Page - WIZnet Co., Ltd W5100S Datasheet HTML 89Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 110 page
background image
W5100S Datasheet Version1.2.5
85 / 110
4.8
Retransmission
4.8.1 ARP & PING Retransmission
When there is no Response from Peer against of ARP or PING Request Packet, ARP & PING
Retransmission is performed.
In Retransmission Process, Request Packet is retransmitted every RTR until the Response Packet
received. And if the number of Retransmission exceeds RCR, TIMEOUT occurs for the Request
Packet.
The below table shows Retransmission TIMEOUT (ARPTO, PINGTO).
ARPTO, PINGTO = (TIMEOUTVAL x 0.1ms) x (TIMEOUTCNT + 1)
TIMEOUTVAL = SLRTR or Sn_RTR
TIMEOUTCNT = SLRCR or Sn_RCR
Ex) TIMEOUTVAL = 2000(0x07D0), TIMEOUTCNT = 8(0x0008)
ARPTO= 2000 X 0.1ms X 9 = 1.8s
ARPTO is caused by SLCR [ARP], Sn_CR [SEND] and Sn_CR [CONNECT]. And it is checked through
SLIR [TIMEOUT] or Sn_IR [TIMEOUT].
PINGTO is caused by SLCR [PING] and is checked through SLCR [TIMEOUT].
4.8.2 TCP Retransmission
When TCP Mode SOCKET does not receive ACK Packet from Peer against of SYN, FIN or DATA
Packet sent, TCP Retransmission is performed.
In TCP Retransmission process, Request Packet is retransmitted every Sn_RTR until Peer ACK
Packet received. And if the number of Retransmission exceeds Sn_RCR, SOCKET n TIMEOUT
occurs.
The below table shows TCP Retransmission TIMEOUT (TCPTO).
TCPTO = (∑(TIMEOUTVAL × 2N)
M
N=0
+ ((TIMEOUTCNT − M) × TIMEOUTMAXVAL)) × 0.1ms
N :
Number of Retransmission, 0 ≤ N ≤ M
M :
Minimum value of TIMEOUTVAL × 2(����+1) >65535 and 0 ≤ M ≤ TIMEOUT
CNT
TIMEOUTVAL = SLRTR or Sn_RTR
TIMEOUTCNT = SLRCR or Sn_RCR
TIMEOUTMAXVAL: TIMEOUTVAL× 2����



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com