Electronic Components Datasheet Search
  English  ▼

X  

W5100S Datasheet(PDF) 24 Page - WIZnet Co., Ltd

Part # W5100S
Description  embedded Ethernet controller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100S Datasheet(HTML) 24 Page - WIZnet Co., Ltd

Back Button W5100S Datasheet HTML 20Page - WIZnet Co., Ltd W5100S Datasheet HTML 21Page - WIZnet Co., Ltd W5100S Datasheet HTML 22Page - WIZnet Co., Ltd W5100S Datasheet HTML 23Page - WIZnet Co., Ltd W5100S Datasheet HTML 24Page - WIZnet Co., Ltd W5100S Datasheet HTML 25Page - WIZnet Co., Ltd W5100S Datasheet HTML 26Page - WIZnet Co., Ltd W5100S Datasheet HTML 27Page - WIZnet Co., Ltd W5100S Datasheet HTML 28Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 110 page
background image
24 / 110
W5100S Datasheet Version1.2.5
255 (0xFF)
255 (0xFF)
255 (0xFF)
255 (0xFF)
3.1.4 SHAR (Source Hardware Address Register)
[R=W] [0x0009-0x000E] [0x00]
SHAR configures the Source MAC Address when NETLCKR (Network Lock Register) is on Unlock
Mode.
Ex) SHAR = “11:22:33:AA:BB:CC”
SHAR0(0x0009)
SHAR1(0x000A)
SHAR2(0x000B)
0x11
0x22
0x33
SHAR3(0x000C)
SHAR4(0x000D)
SHAR5(0x000E)
0xAA
0xBB
0xCC
3.1.5 SIPR (Source IP Address Register)
[R=W] [0x000F-0x0012] [0x00]
SIPR configures the Source IP Address when NETLCKR (Network Lock Register) is on Unlock Mode.
Ex) SIPR = “192.168.0.100”
SIPR0(x000F)
SIPR1(0x0010)
SIPR2(0x0011)
SIPR3(0x0012)
192 (0xC0)
168 (0xA8)
0 (0x00)
100(0x64)
3.1.6 INTPTMR (Interrupt Pending Time Register)
[R=W][0x0013-0x0014][0x0000]
INTPTMR sets internal Interrupt Pending Timer Count. When INTn is de-asserted to High, Timer
Count is initialized to INTPTMR and decreased by 1 from initial value to ‘0’ every SYS_CLK x 4.
When Interrupt occurs and the corresponding Interrupt Mask is set and INTPTMR is ‘0’, INTn is
asserted to Low.
Ex) INTPTMR = 1000(0x03EB)
INTPTMR0(0x0013) INTPTMR1(0x0014)
0x03
0xEB
3.1.7 IR (Interrupt Register)
[RW] [0x0015] [0x00]
When W5100S or SOCKET n Event occurs, the corresponding Bit in IR is set to ‘1’. If the Event
occurs and the corresponded Interrupt Mask Bit in IMR is set to ‘1’ and internal Interrupt Pending
Timer Counter is ‘0’, INTn is asserted to Low. When the Event is cleared or the corresponding
Mask Bit is set to ‘0’, INTn is de-asserted to High.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com