Electronic Components Datasheet Search
  English  ▼

X  

W5100S Datasheet(PDF) 29 Page - WIZnet Co., Ltd

Part # W5100S
Description  embedded Ethernet controller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100S Datasheet(HTML) 29 Page - WIZnet Co., Ltd

Back Button W5100S Datasheet HTML 25Page - WIZnet Co., Ltd W5100S Datasheet HTML 26Page - WIZnet Co., Ltd W5100S Datasheet HTML 27Page - WIZnet Co., Ltd W5100S Datasheet HTML 28Page - WIZnet Co., Ltd W5100S Datasheet HTML 29Page - WIZnet Co., Ltd W5100S Datasheet HTML 30Page - WIZnet Co., Ltd W5100S Datasheet HTML 31Page - WIZnet Co., Ltd W5100S Datasheet HTML 32Page - WIZnet Co., Ltd W5100S Datasheet HTML 33Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 110 page
background image
W5100S Datasheet Version1.2.5
29 / 110
3.1.17 UIPR (Unreachable IP Address Register)
[RO] [0x002A-0x002D] [0x0000]
When W5100S received Unreachable Packet (IR [UNR] = ‘1’), Peer IP Address in the Packet is
written on UIPR.
Ex) UIPR = “192.169.0.21”
UIPR0(0x002A)
UIPR1(0x002B)
UIPR2(0x002C)
UIPR3(0x002D)
192(0xC0)
168(0xA8)
0(0x00)
21(0x15)
3.1.18 UPORTR (Unreachable Port Register)
[RO] [0x002E-0x002F] [0x0000]
When W5100S received Unreachable Packet (IR [UNR] = ‘1’), Peer PORT Number in the Packet
is written on UPORTR.
Ex) UPORTR = 3000 (0x0BB8)
UPORTR0(0x002E)
UPORTR1(0x002F)
0x0B
0xB8
3.1.19 MR2 (Mode Register 2)
[R=W] [0x0030] [0x40]
MR2 configures System Operation Clock (SYS_CLK), Interrupt Activation, TCP & UDP Scan
Prevention, WOL (Wake On LAN) and Force ARP.
7
6
5
4
3
2
1
0
CLKSEL
IEN
NOTCPRST
UDPURB
WOL
-
FARP
-
R=W
R=W
R=W
R=W
R=W
W0
R=W
W0
Bit
Symbol
Description
7
CLKSEL
System Operation Clock(SYS_CLK) Select
When CLKLCKR (Clock Lock Register) is Unlock, this bit can only set.
(Ref 3.1.41 CLKLCKR (Clock Lock Register)
[WO] [0x0070] [0x00])
1 : 25MHz
0 : Depends on PHYCR1[PWDN]
SYS_CLK selected by PHCR1 configuration.
PHYCR1[PWDN]
SYS_CLK
0
100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com