Electronic Components Datasheet Search
  English  ▼

X  

W5100S Datasheet(PDF) 3 Page - WIZnet Co., Ltd

Part # W5100S
Description  embedded Ethernet controller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100S Datasheet(HTML) 3 Page - WIZnet Co., Ltd

  W5100S Datasheet HTML 1Page - WIZnet Co., Ltd W5100S Datasheet HTML 2Page - WIZnet Co., Ltd W5100S Datasheet HTML 3Page - WIZnet Co., Ltd W5100S Datasheet HTML 4Page - WIZnet Co., Ltd W5100S Datasheet HTML 5Page - WIZnet Co., Ltd W5100S Datasheet HTML 6Page - WIZnet Co., Ltd W5100S Datasheet HTML 7Page - WIZnet Co., Ltd W5100S Datasheet HTML 8Page - WIZnet Co., Ltd W5100S Datasheet HTML 9Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 110 page
background image
W5100S Datasheet Version1.2.5
3 / 110
Features
-
Support Hardwired Internet protocols
: TCP, UDP, WOL over UDP, ICMP, IGMPv1/v2, IPv4, ARP, PPPoE
-
Support 4 independent SOCKETs simultaneously
-
Support SOCKET-less Command
: ARP-Request, PING-Request
-
Support Ethernet Power Down Mode & Main Clock Switching for power save
-
Support Wake on LAN over UDP
-
Support Serial & Parallel Host Interface
: High Speed SPI (MODE 0/3), System Bus with 2 Address signal & 8bit Data
-
Internal 16Kbytes Memory for TX/ RX Buffers
-
10Base-T/100Base-TX Ethernet PHY Integrated
-
Support Auto Negotiation (Full and Half Duplex, 10 and 100-based )
-
Support Auto-MDIX only on Auto-Negotiation Mode
-
Not support IP Fragmentation
-
3.3V operation with 5V I/O signal tolerance
-
Network Indicator LEDs (Full/Half duplex, Link, 10/100 Speed, Active)
-
48 Pin LQFP & QFN Lead-Free Package (7x7mm, 0.5mm pitch)
Target Applications
W5100S is well-suited for many embedded Applications, including:
-
User product based on W5100 : No modify Firmware
-
Home Network Devices: Set-Top Boxes, PVRs, Digital Media Adapters
-
Serial-to-Ethernet: Access Controls, LED displays, Wireless AP relays, etc.
-
Parallel-to-Ethernet: POS / Mini Printers, Copiers
-
USB-to-Ethernet: Storage Devices, Network Printers
-
GPIO-to-Ethernet: Home Network Sensors
-
Security Systems: DVRs, Network Cameras, Kiosks
-
Factory, Building, Home Automations
-
Medical Monitoring Equipment
-
Embedded Servers
-
Internet of Thing (IoT) Devices
-
IoT Cloud Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com