Electronic Components Datasheet Search
  English  ▼

X  

W5100S Datasheet(PDF) 35 Page - WIZnet Co., Ltd

Part # W5100S
Description  embedded Ethernet controller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100S Datasheet(HTML) 35 Page - WIZnet Co., Ltd

Back Button W5100S Datasheet HTML 31Page - WIZnet Co., Ltd W5100S Datasheet HTML 32Page - WIZnet Co., Ltd W5100S Datasheet HTML 33Page - WIZnet Co., Ltd W5100S Datasheet HTML 34Page - WIZnet Co., Ltd W5100S Datasheet HTML 35Page - WIZnet Co., Ltd W5100S Datasheet HTML 36Page - WIZnet Co., Ltd W5100S Datasheet HTML 37Page - WIZnet Co., Ltd W5100S Datasheet HTML 38Page - WIZnet Co., Ltd W5100S Datasheet HTML 39Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 110 page
background image
W5100S Datasheet Version1.2.5
35 / 110
W0
W0
R=W
W0
W0
W0
W0
AC
Bit
Symbol
Description
7
WOL
Wake On LAN
To receive WOL Packet, PHYCR1[WOL] and MR2[WOL] must be set by
‘1’.
1 : Receive WOL Packet
0 : No Receive WOL Packet
6
-
Reserved
5
PWDN
PHY Power Down
1 : Enable Power Down Mode and SYS_CLK switching 25MHz
0 : Disable Power Down Mode and SYS_CLK selected by MR2[CLKSEL]
MR2[CLKSEL]
SYS_CLK
0
100 MHz
1
25 MHz
(Ref 7.4.1 Reset Timing)
[4:1]
-
Reserved
0
RST
PHY Reset
When PHY Reset Bit is set to ‘0’, SYS_CLK is switched to 25MHz. After
PHY Reset completed(PHYSR1[ACT]=‘1’), this Bit is automatically
cleared and SYS_CLK is turn back to the previous clock. (Ref 7.4.1
Reset Timing)
1 : PHY H/W Reset
0 : Normal
3.1.32 SLCR (SOCKET-less Command Register)
[RW] [0x004C] [0x00]
SLCR configures ARP and PING Request Transmission Command. Each Command must not be
executed at the same time and not configured before SLCR cleared. The results of each
Command is shown via SLIR (SOCKET-less Interrupt Register)
7
6
5
4
3
2
1
0
-
-
-
-
-
-
ARP
PING
-
-
-
-
-
-
AC
AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com