Electronic Components Datasheet Search
  English  ▼

X  

W5100S Datasheet(PDF) 108 Page - WIZnet Co., Ltd

Part # W5100S
Description  embedded Ethernet controller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100S Datasheet(HTML) 108 Page - WIZnet Co., Ltd

Back Button W5100S Datasheet HTML 102Page - WIZnet Co., Ltd W5100S Datasheet HTML 103Page - WIZnet Co., Ltd W5100S Datasheet HTML 104Page - WIZnet Co., Ltd W5100S Datasheet HTML 105Page - WIZnet Co., Ltd W5100S Datasheet HTML 106Page - WIZnet Co., Ltd W5100S Datasheet HTML 107Page - WIZnet Co., Ltd W5100S Datasheet HTML 108Page - WIZnet Co., Ltd W5100S Datasheet HTML 109Page - WIZnet Co., Ltd W5100S Datasheet HTML 110Page - WIZnet Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 108 / 110 page
background image
108 / 110
W5100S Datasheet Version1.2.5
E
7.00 BSC
e
0.50 BSC
D2
5.25
5.30
5.35
E2
5.25
5.30
5.35
L
0.35
0.40
0.45
K
0.20
--
--
LEAD FINISH
Pure Tin
V
PPF
X
JEDEC CODE
N/A
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS
2. DEMENSION B APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.15mm AND
0.30mm FROM THE TERMINAL TIP. IF THE TERMINAL HAS THE OPTIONAL RADIUS ON THE OTHER
END OF THE TERMINAL, THE DIMENSION b SHOULD NOT BE MEASURED IN THAT RADIUS AREA.
3. BILATERAL COPLANARITY ZONE APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE
TERMINALS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com