Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 67 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 67 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 63Page - WIZnet Co., Ltd W6100 Datasheet HTML 64Page - WIZnet Co., Ltd W6100 Datasheet HTML 65Page - WIZnet Co., Ltd W6100 Datasheet HTML 66Page - WIZnet Co., Ltd W6100 Datasheet HTML 67Page - WIZnet Co., Ltd W6100 Datasheet HTML 68Page - WIZnet Co., Ltd W6100 Datasheet HTML 69Page - WIZnet Co., Ltd W6100 Datasheet HTML 70Page - WIZnet Co., Ltd W6100 Datasheet HTML 71Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
67/149
In UDP4, UDP6, UDPD and IPRAW6 mode, Sn_DPORTR is set to the peer’s destination port.
In UDP4 and UDP6 multicast mode, Sn_DPORTR is set to the multicast group port.
ref) 6.3.3 UDP Multicast
Ex) S0_DPORTR = 5000 (0x1388),
S0_DPORTR0(0x0140)
S0_DPORTR1(0x0141)
0x13
0x88
4.2.19 Sn_MR2 (SOCKET n Mode register 2)
[R=W] [0x0144] [0x00]
Sn_MR2 sets SOCKET n option like Sn_MR.
7
6
5
4
3
2
1
0
-
-
-
-
-
DHAM
FARP
R=W
R=W
Bit
Symbol
Description
[7:2]
-
Reserved
1
DHAM
Destination Hardware address Mode
It sets destination hardware address of Ethernet frame to be sent when
Sn_MR[3:0] is not MACRAW mode.
0 : Destination hardware address is set to the address obtained
through ARP-process.
1 : Destination hardware address is set to the value in Sn_DHAR.
0
FARP
Force ARP
When Sn_MR is UDP4, UDP6, UDPD, IPRAW4 and IPRAW6 mode, SOCKET
n performs ARP/ND-process on every Sn_CR[SEND] or Sn_CR[SEND6].
When Sn_MR is TCP4, TCP6, TCPD and the TCP operation mode is “TCP
SERVER”, the ARP/ND-process is performed before sending the
SYN/ACK packet.
The destination hardware address obtained by ARP-process is used as
destination hardware address of packet to be sent.
0 : Disable
1 : Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com