Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 99 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 99 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 95Page - WIZnet Co., Ltd W6100 Datasheet HTML 96Page - WIZnet Co., Ltd W6100 Datasheet HTML 97Page - WIZnet Co., Ltd W6100 Datasheet HTML 98Page - WIZnet Co., Ltd W6100 Datasheet HTML 99Page - WIZnet Co., Ltd W6100 Datasheet HTML 100Page - WIZnet Co., Ltd W6100 Datasheet HTML 101Page - WIZnet Co., Ltd W6100 Datasheet HTML 102Page - WIZnet Co., Ltd W6100 Datasheet HTML 103Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
99/149
UDP4, UDP6 Mode :
{
START :
Sn_MR[3:0] = ‘0010’; /* set UDP4 Mode */
// Sn_MR[3:0] = ‘1010; /* set UDP6 Mode */
/* set Source PORT Number, 5000(0x1388) */
Sn_PORTR[0:1] = {0x13, 0x88};
Sn_CR[OPEN] = ‘1’; /* set OPEN Command */
while(Sn_CR != 0x00); /* wait until OPEN Command is cleared */
/* check SOCKET for UDP6 Mode */
if(Sn_SR != SOCK_UDP) goto START;
}
 Received DATA?
Refer to 6.2.1 TCP SERVER: Received DATA?
 Receiving Process
UDP mode SOCKET can receive DATA packets from more than one peer. The received DATA
packet is stored in SOCKET n RX buffer block with “PACKET INFO” as shown in Figure 24.
HOST must read DATA from SOCKET n RX buffer in the format of Figure 24. If the received DATA
is fragmented or bigger than SOCKET n RX buffer free size, it is discarded.
Figure 24 Received DATA in UDP Mode SOCKET RX Buffer Block
Table 4 Parameter Description in PACKET INFO
PACKET INFO
Description
IPv6
0 : UDP/IPv4 Packet is received
1 : UDP/IPv6 Packet is received
BRD/ALL
0 : Others



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com