Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 101 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 101 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 97Page - WIZnet Co., Ltd W6100 Datasheet HTML 98Page - WIZnet Co., Ltd W6100 Datasheet HTML 99Page - WIZnet Co., Ltd W6100 Datasheet HTML 100Page - WIZnet Co., Ltd W6100 Datasheet HTML 101Page - WIZnet Co., Ltd W6100 Datasheet HTML 102Page - WIZnet Co., Ltd W6100 Datasheet HTML 103Page - WIZnet Co., Ltd W6100 Datasheet HTML 104Page - WIZnet Co., Ltd W6100 Datasheet HTML 105Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
101/149
{
dest_ip[0:15] = destination_address[2:17];
dest_port = (destination_address[18] << 8) + destination_address[19];
}
/* read UDP DATA */
goto 6.2.1 TCP SERVER: Receiving Process with get_size = data_size;
}
 Send DATA? / Sending Process
Refer to 6.2.1 TCP SERVER: Send DATA? / Sending Process
UDP4 Mode
{
/* set destination IP address, 192.168.0.11 */
Sn_DIPR[0:3] = {0xC0, 0xA8, 0x00, 0x0B};
/* set destination PORT number, 5000(0x1388) */
Sn_DPORTR[0:1] = {0x13, 0x88};
goto 6.2.1 TCP SERVER: Sending Process with Sn_CR[SEND];
}
UDP6 Mode
{
/* set destination IP address, FE80::10D:FC:34A:EF90 */
Sn_DIP6R[0:15] = {0xFE, 0x80, 0x00, 0x00, 0x00, 0x00, 0x00, 0x00
0x01, 0x0D, 0x00, 0xFC, 0x03, 0x4A, 0xEF, 0x90};
/* set destination PORT number, 5000(0x1388) */
Sn_DPORTR[0:1] = {0x13, 0x88};
goto 6.2.1 TCP SERVER: Sending Process with Sn_CR[SEND6];
}
 Complete Sending? / Timeout?
When HOST sends data to a destination at the beginning or a different destination, ARP process
is performed prior to transmitting DATA packet. In the ARP Process, if there is no response to
ARP request from peer within the whole retransmission time, Sn_IR[TIMEOUT] interrupt occurs.
Unlike TCP, UDP SOCKET does not close by Sn_IR[TIMEOUT] because it supports 1:N
communication.
Refer to 6.7 Retransmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com