Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 97 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 97 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 93Page - WIZnet Co., Ltd W6100 Datasheet HTML 94Page - WIZnet Co., Ltd W6100 Datasheet HTML 95Page - WIZnet Co., Ltd W6100 Datasheet HTML 96Page - WIZnet Co., Ltd W6100 Datasheet HTML 97Page - WIZnet Co., Ltd W6100 Datasheet HTML 98Page - WIZnet Co., Ltd W6100 Datasheet HTML 99Page - WIZnet Co., Ltd W6100 Datasheet HTML 100Page - WIZnet Co., Ltd W6100 Datasheet HTML 101Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
97/149
 Auto PSH Flag : Sn_MR[FPSH] = ‘0’
If Force PSH option is cleared, SOCKET places the PSH flag in the last DATA packet sent by
Sn_CR[SEND].
 Destination Hardware Address by Sn_DHAR : Sn_MR2[DHAM] = ‘1’
If Sn_MR2[DHAM] is set, ARP/ND-process is skipped and Sn_DHAR is used as destination
hardware address.
 Destination Hardware Address by ARP : Sn_MR2[DHAM] = ‘0’
In ‘TCP SERVER’ mode, destination hardware address is acquired from received SYN packet.
In ‘TCP CLIENT’ mode, destination hardware address is acquired from ARP/ND-process.
 Destination Hardware Address by Sn_DHAR : Sn_MR2[FARP] = ‘1’
In 'TCP SERVER' mode, ARP process is performed before responding a SYN / ACK packet to
the SYN packet received from the "TCP client". And the address acquired from ARP/ND-
process is used as the destination hardware address.
If Sn_MR2 [DHAM] is also set, ARP/ND-process is performed but the Sn_DHAR is used as the
destination hardware address.
 Destination Hardware Address Mode by ARP : Sn_MR2[FARP] = ‘0’
In ‘TCP SERVER’ mode, destination hardware address is acquired from received SYN packet.
In ‘TCP CLIENT’ mode, destination hardware address is acquired from ARP/ND-process.
6.2.4.2
Keep Alive
Keep Alive (KA) is to retransmit the last 1 byte of the already transmitted DATA packet to check
whether the connection is valid. Data size of 1 byte or more must be transmitted before using
Keep Alive function. If there is no response to KA packet within the whole retransmission time,
Sn_IR[TIMEOUT] interrupt occurs.
The period of KA packet transmission is set in Sn_KPALVTR. If Sn_KPALVTR is set to zero, KA
packet is able to be transmitted by Sn_CR[SEND_KEEP] command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com