Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 71 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 71 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 67Page - WIZnet Co., Ltd W6100 Datasheet HTML 68Page - WIZnet Co., Ltd W6100 Datasheet HTML 69Page - WIZnet Co., Ltd W6100 Datasheet HTML 70Page - WIZnet Co., Ltd W6100 Datasheet HTML 71Page - WIZnet Co., Ltd W6100 Datasheet HTML 72Page - WIZnet Co., Ltd W6100 Datasheet HTML 73Page - WIZnet Co., Ltd W6100 Datasheet HTML 74Page - WIZnet Co., Ltd W6100 Datasheet HTML 75Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
71/149
S0_RX_RSR0(0x0224)
S0_RX_RSR1(0x0225)
0x08
0x00
4.2.29 Sn_RX_RD (SOCKET n RX Read Pointer Register)
[RW] [0x0228-0x229] [0x0000]
Sn_RX_RD is initialized by Sn_CR[OPEN]. The received DATA in SOCKET n RX buffer is read or
updated as the following procedure.
1. HOST reads the start address of the received DATA from Sn_RX_RD in SOCKET n RX
buffer.
2. HOST reads the received DATA from the start address.
3. HOST increases Sn_RX_RD by the read DATA size. If the value of increasing Sn_RX_RD
exceeds 0xFFFF(the maximum value of 16bits offset address), the carry bit(17th bit) will
be ignored and the value of Sn_RX_RD must be set to the lower 16bits offset address.
4. HOST sets Sn_CR[RECV] to free SOCKET n RX buffer up by the size of DATA read.
Ex) S0_RX_RD =1536(0x0600)
S0_RX_RD0(0x0228)
S0_RX_RD1(0x0229)
0x06
0x00
4.2.30 Sn_RX_WR (SOCKET n RX Write Pointer Register)
[RO] [0x022C-0x022D] [0x0000]
Sn_RX_WR indicates the last address of the received DATA in SOCKET n TX buffer block.
Sn_RX_WR is initialized by Sn_CR [OPEN] and automatically increased by received DATA size.
If the incremented Sn_RX_WR exceeds the maximum value 0xFFFF of the 16-bit offset address
and the carry bit (17th bit) occurs, the carry bit is ignored and automatically set to the lower
16 bits value.
Ex) S0_RX_WR = 1536(0x0600)
S0_RW_WR0(0x022C)
S0_RW_WR1(0x022D)
0x06
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com