Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 27 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 27 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 23Page - WIZnet Co., Ltd W6100 Datasheet HTML 24Page - WIZnet Co., Ltd W6100 Datasheet HTML 25Page - WIZnet Co., Ltd W6100 Datasheet HTML 26Page - WIZnet Co., Ltd W6100 Datasheet HTML 27Page - WIZnet Co., Ltd W6100 Datasheet HTML 28Page - WIZnet Co., Ltd W6100 Datasheet HTML 29Page - WIZnet Co., Ltd W6100 Datasheet HTML 30Page - WIZnet Co., Ltd W6100 Datasheet HTML 31Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
27/149
4.
Register Descriptions
Register Notation
* Register Symbol (Register full Name)
- [Register Type, Register Type, …][Address Offset][Reset Value]
Register Description….
7
6
5
4
3
2
1
0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Bit Type
Bit Type
Bit Type
Bit Type
Bit Type
Bit Type
Bit Type
Bit Type
Ex) Sn_IR[3:0] denotes Register Symbol[Upper bit : Lower bit].
Sn_IR[3:0] = “0001” is meaning Sn_IR[3]=’0’, Sn_IR[2]=’0’, Sn_IR[1]=’0’ and Sn_IR[0]=’1’
[Register/bit Type]: Type of Register.
-
[RW : Register / bit available to Read and Write Both
-
[R=W]: Register / bit which written value and the read value are the same.
-
[RO]: Read Only Register/bit
-
[WO]: Write Only Register/bit
-
[W]: Write Only Register/bit
-
[WC]: Register/Bit to be clear by writing ‘1’
-
[W0]: Register/Bit which only ‘0’ can be written
-
[W1]: Register/bit which only ‘1’ can be written
-
[AC]: Auto Clear Register/bit
-
[1]: Always read ‘1’
-
[0]: Always read ‘0’
-
[-]: Not available
[Address Offset]: The address offset of the register
[Reset Value]: Default Value.
Ex1) 4.1.28 NETMR (Network Mode Register)
[R=W][0x4008][0x00]
NETMR sets all kinds of block mode and WOL.
7
6
5
4
3
2
1
0
-
-
ANB
M6B
WOL
IP6B
IP4B
R=W
R=W
R=W
R=W
R=W
Ex2) NETMR[ANB]
ANB bit of NETMR
Ex3) NETMR[7:0]
From 7th bit to 0th bit of NETMR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com