Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 73 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 73 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 69Page - WIZnet Co., Ltd W6100 Datasheet HTML 70Page - WIZnet Co., Ltd W6100 Datasheet HTML 71Page - WIZnet Co., Ltd W6100 Datasheet HTML 72Page - WIZnet Co., Ltd W6100 Datasheet HTML 73Page - WIZnet Co., Ltd W6100 Datasheet HTML 74Page - WIZnet Co., Ltd W6100 Datasheet HTML 75Page - WIZnet Co., Ltd W6100 Datasheet HTML 76Page - WIZnet Co., Ltd W6100 Datasheet HTML 77Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
73/149
W6100 supports SPI mode 0 and mode 3 as shown in Figure 7 below.
Data is always sampling on the rising edge of SCLK and toggling on the falling edge of SCLK.
MOSI & MISO signals always transmit or receive in sequence from MSB to LSB every SCLK.
5.1.1 SPI Frame
W6100 communicates with HOST in SPI frame and SPI frame consists address phase, control
phase, and data phase as shown in Figure 8 below.
Address phase indicates 16bits offset address for W6100 register or TX/RX buffer. Control
phase indicates which block is selected, R/W access mode and SPI operation mode (VDM,
FDM). Data phase differs 1, 2, 4, N bytes by SPI operation mode.
When the SPI operation mode is Variable length Data Mode (VDM), CSn signal must be controlled
by the HOST. In the VDM, SPI frame starts by CSn transition (High –to –Low) of HOST and ends
by CSn transition (Low-to-High).
In brief, VDM is controlled by CSn and length is not limited. In FDM, the CSn value is fixed to ‘0’
and data transmits 1,2,4 bytes by SPI operation mode.
Figure 7 SPI Mode 0 & Mode 3
Figure 8 SPI Frame Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com