Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 74 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 74 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 70Page - WIZnet Co., Ltd W6100 Datasheet HTML 71Page - WIZnet Co., Ltd W6100 Datasheet HTML 72Page - WIZnet Co., Ltd W6100 Datasheet HTML 73Page - WIZnet Co., Ltd W6100 Datasheet HTML 74Page - WIZnet Co., Ltd W6100 Datasheet HTML 75Page - WIZnet Co., Ltd W6100 Datasheet HTML 76Page - WIZnet Co., Ltd W6100 Datasheet HTML 77Page - WIZnet Co., Ltd W6100 Datasheet HTML 78Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
74/149
5.1.1.1
Address Phase
Address phase indicates 16bits offset address of W6100 common register, SOCKET registers
and SOCKET n TX/RX buffer block.
The 16bits offset address is transferred from MSB to LSB sequentially.
W6100 SPI BUS interface supports sequential data read/write which offsets the address
automatically and increases by 1 after every 1byte read or write.
5.1.1.2
Control Phase
Control phase indicates the block to which the offset address in address phase belongs and
shows R/W access mode (RWB) and SPI operation mode (OM[1:0]).
7
6
5
4
3
2
1
0
BSB4
BSB3
BSB2
BSB1
BSB0
RWB
OM1
OM0
Bit
Symbol
Description
7~3
BSB
Block Selection Bits
W6100 has 1 common register, 8 SOCKET n register and TX/RX buffer
block for each SOCKET.
The block is selected by BSB[4:0] as shown in the table below.
The most significant three bits indicates SOCKET which is from 0 to 7.
The least significant two bits indicate what kind of subblocks are in the
SOCKET block.
BSB[4:2]
BSB[1:0]
Block
000
00
Common Register
01
SOCKET 0 Register
10
SOCKET 0 TX Buffer
11
SOCKET 0 RX Buffer
001
00
Reserved
01
SOCKET 1 Register
10
SOCKET 1 TX Buffer
11
SOCKET 1 RX Buffer
010
00
Reserved
01
SOCKET 2 Register
10
SOCKET 2 TX Buffer
11
SOCKET 2 RX Buffer
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com