Electronic Components Datasheet Search
  English  ▼

X  

AD4114 Datasheet(PDF) 32 Page - Analog Devices

Part # AD4114
Description  Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4114 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD4114 Datasheet HTML 28Page - Analog Devices AD4114 Datasheet HTML 29Page - Analog Devices AD4114 Datasheet HTML 30Page - Analog Devices AD4114 Datasheet HTML 31Page - Analog Devices AD4114 Datasheet HTML 32Page - Analog Devices AD4114 Datasheet HTML 33Page - Analog Devices AD4114 Datasheet HTML 34Page - Analog Devices AD4114 Datasheet HTML 35Page - Analog Devices AD4114 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
AD4114
Data Sheet
Rev. 0 | Page 32 of 49
XOR Calculation
The checksum, which is eight bits wide, is generated by splitting
the data into bytes and then performing an XOR of the bytes.
Example of an XOR Calculation—24-Bit Word: 0x654321
(Eight Command Bits and 16-Bit Data)
Using the previous polynomial example, divide the checksum
into three bytes (0x65, 0x43, and 0x21) which results in the
following XOR calculation:
01100101
0x65
01000011
0x43
00100110
XOR result
00100001
0x21
00000111
CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com